Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM15T39A Datasheet(PDF) 2 Page - STMicroelectronics

Part # SM15T39A
Description  TRANSILTM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM15T39A Datasheet(HTML) 2 Page - STMicroelectronics

  SM15T39A Datasheet HTML 1Page - STMicroelectronics SM15T39A Datasheet HTML 2Page - STMicroelectronics SM15T39A Datasheet HTML 3Page - STMicroelectronics SM15T39A Datasheet HTML 4Page - STMicroelectronics SM15T39A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM15Txx
2/5
I
I F
V F
V
VCL
VBR
VRM
I PP
I RM
V
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward Voltage drop
ELECTRICAL CHARACTERISTICS
(Tamb = 25°C)
Types
IRM @VRM
VBR
@IR
VCL @IPP
VCL @IPP
αTC
max
min
nom
max
max
max
max
typ
note2
10/1000
µs
8/20
µs
note3 note4
Uni
directional
Mar-
king
Bi
directional
Mar-
king
µA
VVVV
mA
VAV
A
10
-4/°C
pF
SM15T6V8A MDE
SM15T6V8CA
BDE
1000
5.8
6.45
6.8
7.14
10
10.5
143
13.4
746
5.7
9500
SM15T7V5A MDG
SM15T7V5CA
BDG
500
6.4
7.13
7.5
7.88
10
11.3
132
14.5
690
6.1
8500
SM15T10A
MDP
SM15T10CA
BDP
10 8.55
9.5
10
10.5
1
14.5
103
18.6
538
7.3
7000
SM15T12A
MDT
SM15T12CA
BDT
5 10.2
11.4
12
12.6
1
16.7
90
21.7
461
7.8
6000
SM15T15A
MDX
SM15T15CA
BDX
1 12.8
14.3
15
15.8
1
21.2
71
27.2
368
8.4
5000
SM15T18A
MEE
SM15T18CA
BEE
1 15.3
17.1
18
18.9
1
25.2
59.5
32.5
308
8.8
4300
SM15T22A
MEK
SM15T22CA
BEK
1 18.8
20.9
22
23.1
1
30.6
49
39.3
254
9.2
3700
SM15T24A
MEM
SM15T24CA
BEM
1 20.5
22.8
24
25.2
1
33.2
45
42.8
234
9.4
3500
SM15T27A
MEP
SM15T27CA
BEP
1 23.1
25.7
27
28.4
1
37.5
40
48.3
207
9.6
3200
SM15T30A
MER
SM15T30CA
BER
1 25.6
28.5
30
31.5
1
41.5
36
53.5
187
9.7
2900
SM15T33A
MET
SM15T33CA
BET
1 28.2
31.4
33
34.7
1
45.7
33
59.0
169
9.8
2700
SM15T36A
MEV
SM15T36CA
BEV
1 30.8
34.2
36
37.8
1
49.9
30
64.3
156
9.9
2500
SM15T39A
MEX
SM15T39CA
BEX
1 33.3
37.1
39
41.0
1
53.9
28
69.7
143
10.0
2400
SM15T68A
MFP
SM15T68CA
BFP
1 58.1
64.6
68
71.4
1
92
16.3
121
83
10.4
1550
SM15T75A
MFO
SM15T75CA
BFO
1 64.1
71.3
-
78.8
1
103
14.6
134
75
10.5
1450
SM15T100A MFX
SM15T100CA
BFX
1 85.5
95.0
100
105
1
137
11
178
56
10.6
1150
SM15T150A MGK
SM15T150CA
BGK
1 128
143
150
158
1
207
7.2
265
38
10.8
850
SM15T200A MGV
SM15T200CA
BGV
1 171
190
200
210
1
274
5.5
353
28
10.8
675
SM15T220A MGX
SM15T220CA BGX
1 188
209
220
231
1
328
4.6
388
26
10.8
625
Note 2 :
Pulse test: tp <50ms.
Note 3 :
∆VBR = αT * (Tamb - 25) * VBR(25°C).
Note 4 :
VR = 0 V, F = 1 MHz. For bidirectional types,
capacitance value is divided by 2.
Fig. 1: Peak pulse power dissipation versus initial
junction temperature (printed circuit board).
10 s
1000 s
%I PP
50
0
t
PULSE WAVEFORM 10/1000
s
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com