Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6T30A Datasheet(PDF) 3 Page - STMicroelectronics

Part # SM6T30A
Description  TRANSILTM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T30A Datasheet(HTML) 3 Page - STMicroelectronics

  SM6T30A Datasheet HTML 1Page - STMicroelectronics SM6T30A Datasheet HTML 2Page - STMicroelectronics SM6T30A Datasheet HTML 3Page - STMicroelectronics SM6T30A Datasheet HTML 4Page - STMicroelectronics SM6T30A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SM6Txx
3/5
Fig. 2 : Peak pulse power versus exponential pulse duration.
Fig. 3 :
Clamping voltage versus peak pulse current.
Exponential waveform tp =20
µs ________
tp = 1 ms
——————-
tp = 10 ms ...............
Note : The curves of the figure 3 are specified for a junction temperature of 25°C before surge.
The given results may be extrapolated for other junction temperatures by using the following formula :
∆VBR = αT * [Tamb -25] * VBR(25°C)
For intermediate voltages, extrapolate the given results.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com