Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC490LP5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC490LP5
Description  ACTIVE BIAS CONTROLLER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC490LP5 Datasheet(HTML) 3 Page - Analog Devices

  HMC490LP5 Datasheet HTML 1Page - Analog Devices HMC490LP5 Datasheet HTML 2Page - Analog Devices HMC490LP5 Datasheet HTML 3Page - Analog Devices HMC490LP5 Datasheet HTML 4Page - Analog Devices HMC490LP5 Datasheet HTML 5Page - Analog Devices HMC490LP5 Datasheet HTML 6Page - Analog Devices HMC490LP5 Datasheet HTML 7Page - Analog Devices HMC490LP5 Datasheet HTML 8Page - Analog Devices HMC490LP5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
13 - 3
13
For price, delivery, and to place orders: Analog Devices, Inc., One Analog Way, Wilmington, MA 01887
Phone: 781-937-1428 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
Load Regulation @ VDD=8V,
SW=VDIG=3.3V
IDRAIN vs. VDIG[1][2]
Load Regulation @ VDD=6V, VDIG=3.3V,
SW=GND
4.5
5
5.5
6
6.5
20
30
40
50
60
70
80
+25C
+85C
-40C
IDRAIN (mA)
6.5
7
7.5
8
8.5
80
100
120
140
160
180
200
+25C
+85C
-40C
IDRAIN (mA)
HMC981LP3E
v02.1222
ACTIVE BIAS CONTROLLER
VNEG Load Regulation @ VDD=4V
VNEG Line Regulation vs. Supply Voltage
-2.55
-2.53
-2.51
-2.49
-2.47
-2.45
4
6
8
10
12
+25C
+85C
-40C
SUPPLY VOLTAGE (V)
No load condition
-2.7
-2.6
-2.5
-2.4
-2.3
024
6
8
10
+25C
+85C
-40C
INEG (mA)
VNEG Load Regulation @ VDD=12V
-2.7
-2.6
-2.5
-2.4
-2.3
0
4
8
12
16
+25C
+85C
-40C
INEG (mA)
50
51
52
53
54
55
3.3
3.7
4.1
4.5
4.9
+25C
+85C
-40C
VDIG (V)
[1] IDRAIN is set to 53 mA
[2] HMC465LP5 is used as external amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com