Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBS13402 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBS13402
Description  134.2MHz SAW Filter 2MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS13402 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBS13402 Datasheet HTML 1Page - SIPAT Co,Ltd LBS13402 Datasheet HTML 2Page - SIPAT Co,Ltd LBS13402 Datasheet HTML 3Page - SIPAT Co,Ltd LBS13402 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS13402
Rev. Date
2007-04-19
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Ver.
2.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
134.2MHz SAW Filter
2MHz Bandwidth
Part Number: LBS13402
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
134.1
134.2
134.3
Insertion Loss
dB
-
25
30
1 dB Bandwidth
MHz
-
2.32
-
3 dB Bandwidth
MHz
2.4
2.5
-
35 dB Bandwidth
MHz
-
3.14
3.2
40 dB Bandwidth
MHz
-
3.18
-
45 dB Bandwidth
MHz
-
3.21
3.6
50 dB Bandwidth
MHz
-
3.24
4.4
55 dB Bandwidth
MHz
-
3.27
12.4
Passband Variation
dB
-
0.3
1.2
Absolute Delay
usec
-
3.8
4.2
Ultimate Rejection(f0±15MHz)
dB
55
65
-
Material Temperature coefficient
KHz/°C
0.1342
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=68nH L2=47nH
C1=39pF
C2=56pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω
L1
L2
C2


Similar Part No. - LBS13402

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS13402 SIPAT-LBS13402 Datasheet
157Kb / 4P
134.2MHz SAW Filter 2MHz Bandwidth
More results

Similar Description - LBS13402

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS70A25 SIPAT-LBS70A25 Datasheet
138Kb / 3P
70MHz SAW Filter 2MHz Bandwidth
LBS08803 SIPAT-LBS08803 Datasheet
151Kb / 4P
88.4MHz SAW Filter 2MHz Bandwidth
LBS12204 SIPAT-LBS12204 Datasheet
139Kb / 3P
121.8MHz SAW Filter 2MHz Bandwidth
LBS14091 SIPAT-LBS14091 Datasheet
138Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
LBS16030 SIPAT-LBS16030 Datasheet
137Kb / 3P
160MHz SAW Filter 2MHz Bandwidth
LBS140A15 SIPAT-LBS140A15 Datasheet
147Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
LBS140A17 SIPAT-LBS140A17 Datasheet
146Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
LBS140A25 SIPAT-LBS140A25 Datasheet
148Kb / 3P
140MHz SAW Filter 2MHz Bandwidth
LBS06607 SIPAT-LBS06607 Datasheet
149Kb / 3P
66.1MHz SAW Filter 2MHz Bandwidth
LBS13402 SIPAT-LBS13402 Datasheet
157Kb / 4P
134.2MHz SAW Filter 2MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com