Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA-082-D Datasheet(PDF) 2 Page - Labfacility Ltd

Part # DA-082-D
Description  100 Ohm Wire Wound Detectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

DA-082-D Datasheet(HTML) 2 Page - Labfacility Ltd

  DA-082-D Datasheet HTML 1Page - Labfacility Ltd DA-082-D Datasheet HTML 2Page - Labfacility Ltd DA-082-D Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Detectors - 4
Dec-23
Specifications
General Description
Wirewound construction for optimum performance and
stability
Sensor Type
Pt100 Single Element
Max. Temperature
+650°C
Min. Temperature
-200°C
Tolerance
Class A, Class B
Detector Dimensions
Various width / length combination available
Ordering Information
Temperature
Range
Type
Style
Size
Min
Max
Class Resistance Manufacturers
Code
Farnell
Order Code
Pt100
WIREWOUND
15 x 0.9mm
-200°C +650°C
A
100 Ohm
DA-072-D
3584209
Pt100
WIREWOUND
15 x 1.5mm
-200°C +650°C
A
100 Ohm
DA-062-D
2770776
Pt100
WIREWOUND
15 x 2.8mm
-200°C +650°C
A
100 Ohm
DA-042-D
2770777
Pt100
WIREWOUND
25 x 1.5mm
-200°C +650°C
A
100 Ohm
DA-027-D
3584207
Pt100
WIREWOUND
25 x 2.8mm
-200°C +650°C
A
100 Ohm
DA-017-D
2770774
Pt100
WIREWOUND
8 x 15mm
-200°C +650°C
A
100 Ohm
DA-082-D
2770780
Pt100
WIREWOUND
15 x 0.9mm
-200°C +650°C
B
100 Ohm
DA-071-D
3584208
Pt100
WIREWOUND
15 x 1.5mm
-200°C +650°C
B
100 Ohm
DA-061-D
2770779
Pt100
WIREWOUND
15 x 2.8mm
-200°C +650°C
B
100 Ohm
DA-041-D
2770775
Pt100
WIREWOUND
25 x 1.5mm
-200°C +650°C
B
100 Ohm
DA-026-D
3584206
Pt100
WIREWOUND
25 x 2.8mm
-200°C +650°C
B
100 Ohm
DA-016-D
541102
Pt100
WIREWOUND
8 x 15mm
-200°C +650°C
B
100 Ohm
DA-081-D
2770778



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com