Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P100/2528/B Datasheet(PDF) 1 Page - Labfacility Ltd

Part # P100/2528/B
Description  100 Ohm Wire Wound Detectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LABFACILITY [Labfacility Ltd]
Direct Link  https://www.labfacility.com/
Logo LABFACILITY - Labfacility Ltd

P100/2528/B Datasheet(HTML) 1 Page - Labfacility Ltd

  P100/2528/B Datasheet HTML 1Page - Labfacility Ltd P100/2528/B Datasheet HTML 2Page - Labfacility Ltd P100/2528/B Datasheet HTML 3Page - Labfacility Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
100 Ohm Wire Wound Detectors
Labfacility are the UK’s leading manufacturer of Temperature Sensors, Thermocouple
Connectors and associated Temperature Instrumentation and stockists of Thermocouple
Cables. The Company has been trading since 1971 and is ISO 9001 accredited.
Labfacility have supplied Farnell for over 30 years, and an extensive range of our products are
available to buy online, from stock, direct from Farnell.


Similar Part No. - P100/2528/B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P100 IRF-P100 Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P100 IRF-P100 Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P100 VISHAY-P100 Datasheet
179Kb / 6P
Passivated Assembled Circuit Elements, 25 A
04-Nov-09
logo
Amphenol Corporation
P100 AMPHENOL-P100 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Laird Tech Smart Techno...
P100 LSTD-P100 Datasheet
237Kb / 1P
Tgard Lined Gap Filler
More results

Similar Description - P100/2528/B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WI20C182J1U ETC2-WI20C182J1U Datasheet
929Kb / 6P
WIRE WOUND INDUCTORS
logo
Systemsensor advanced i...
2800 SYSTEMSENSOR-2800 Datasheet
514Kb / 2P
2-Wire Systems Detectors
logo
Gamewell-FCI by Honeywe...
71033 GAMEWELL-FCI-71033 Datasheet
96Kb / 3P
Conventional Two-Wire Smoke Detectors
logo
Pulse A Technitrol Comp...
PA2050.582NL PULSE-PA2050.582NL Datasheet
537Kb / 3P
Wire Wound
PA2729.502NL PULSE-PA2729.502NL Datasheet
503Kb / 2P
Wire Wound
logo
Superworld Electronics
SDI453226 SUPERWORLD-SDI453226_15 Datasheet
202Kb / 5P
Wire Wound Inductor
WI453232 SUPERWORLD-WI453232_15 Datasheet
263Kb / 5P
Wire Wound Inductor
WI565050 SUPERWORLD-WI565050_15 Datasheet
253Kb / 5P
Wire Wound Inductor
logo
Pulse A Technitrol Comp...
0805 PULSE-0805 Datasheet
1Mb / 6P
Wire Wound
1008 PULSE-1008 Datasheet
1Mb / 5P
Wire Wound
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com