Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3ASH9 Datasheet(PDF) 8 Page - MEC Marcom Electronic Components Ltd.

Part # 3ASH9
Description  basic switch modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.

3ASH9 Datasheet(HTML) 8 Page - MEC Marcom Electronic Components Ltd.

  3ASH9 Datasheet HTML 1Page - MEC Marcom Electronic Components Ltd. 3ASH9 Datasheet HTML 2Page - MEC Marcom Electronic Components Ltd. 3ASH9 Datasheet HTML 3Page - MEC Marcom Electronic Components Ltd. 3ASH9 Datasheet HTML 4Page - MEC Marcom Electronic Components Ltd. 3ASH9 Datasheet HTML 5Page - MEC Marcom Electronic Components Ltd. 3ASH9 Datasheet HTML 6Page - MEC Marcom Electronic Components Ltd. 3ASH9 Datasheet HTML 7Page - MEC Marcom Electronic Components Ltd. 3ASH9 Datasheet HTML 8Page - MEC Marcom Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AQN-X.X
Bushing, all heights
Y
Y
Y
No change
1CXXX
Lens f. 1C/1H/1Q Buttons, all colours
Y
Y
N
No change, pls see note 2
V1
1EXXX
Lens f. 1E Buttons, all colours
Y
Y
N
No change, pls see note 2
V1
1FXXX
Lens f. 1F Buttons, all colours
Y
Y
N
No change, pls see note 2
V1
1RXX1
Round Transparent Lens For 1R
Y
Y
N
No change, pls see note 2
V1
2AXX
Dl Bezel, all colours
Y
Y
N
No change, pls see note 1
HB
2BXXX
Bezel/Lens, all colours
Y
Y
N
No change, pls see note 1
HB
2BXXX
Lens f. 2B Bezel, all colours
Y
Y
N
No change, pls see note 2
V1
2KXX
Lk Bezel f. 1K, all colours
Y
Y
N
No change, pls see note 1
HB
2RAS
Right Angle Support.
Y
Y
Y
No change
2S09-XX.X
Extender, Black Pps, all heights
Y
Y
Y
No change
V0
1A09XDXXX
Button 1A Down/all legends
Y
Y
N
No change, pls see note 1
HB
1A09XUXXX
Button 1A Up/all legends
Y
Y
N
No change, pls see note 1
HB
1B09XDXXX
Button 1b Down/0
Y
Y
N
No change, pls see note 1
HB
1B09XUXXX
Button 1B Up/all legends
Y
Y
N
No change, pls see note 1
HB
1D09XXX
Round Button/all legends
Y
Y
N
No change, pls see note 1
HB
1F096XXX
1F Button/Inverse legends
Y
Y
N
No change, pls see note 1
HB
1ZB09XDXXX
Button1ZB09 Down / all legends
Y
Y
N
No change, pls see note 1
HB
1ZC09XXX
Button 1ZC09 / all legends
Y
Y
N
No change, pls see note 1
HB
Note 1:
Complies with RoHS, however plastic material limited to 65°C.
Accessories must be mounted after soldering.
Note 2:
Complies with RoHS, however plastic material is limited to 85°C,
so excessive proces heat must be avoided.
041213
041213
4/4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com