Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3ASH9R Datasheet(PDF) 3 Page - MEC Marcom Electronic Components Ltd.

Part # 3ASH9R
Description  basic switch modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.

3ASH9R Datasheet(HTML) 3 Page - MEC Marcom Electronic Components Ltd.

  3ASH9R Datasheet HTML 1Page - MEC Marcom Electronic Components Ltd. 3ASH9R Datasheet HTML 2Page - MEC Marcom Electronic Components Ltd. 3ASH9R Datasheet HTML 3Page - MEC Marcom Electronic Components Ltd. 3ASH9R Datasheet HTML 4Page - MEC Marcom Electronic Components Ltd. 3ASH9R Datasheet HTML 5Page - MEC Marcom Electronic Components Ltd. 3ASH9R Datasheet HTML 6Page - MEC Marcom Electronic Components Ltd. 3ASH9R Datasheet HTML 7Page - MEC Marcom Electronic Components Ltd. 3ASH9R Datasheet HTML 8Page - MEC Marcom Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
mec . Industriparken 23 . P.o. Box 26 . DK-2750 Ballerup . Denmark
Tel.: +45 44 97 33 66 . Fax: +45 44 68 15 14 . Web: www.mec.dk. . E-mail: danmec@mec.dk
unimec technical specifications
Low Temperature Versions
High Temperature Versions
Silver
Gold
Silver
Gold
Electrical Specifications
Contact resistance
Max. 100 m
(initially)
Insulation resistance
>10M
Recommended load
min.
0.5 mA
0,5
µA
0.5 mA
0,5
µA
max.
250 mA - 120 V - 9W AC - 6W DC
Max. current in non switching state
0.5 A
Contact bounce
Max. 10ms
Dielectric strength between adjacent contacts
1000 V for 2 min.
Insulation resistance between adjacent contacts
5 X 1013
Capacitance between adjacent contacts
0.5 pF
Mechanical Specifications
Standard actuation force (switch)
typ 2.5N
Max. actuation force without cap
100N for 10 sec.
Key travel (switch)
1.8 mm
Life time
Momentary 1.500.000 cycles
Momentary >10.000.000 cycles
Alternate 500.000 cycles
Alternate 5.000.000 cycles
Temperature Range
Working temperature
Min. -40ºC Max. +75ºC
Min. -40ºC Max. +160ºC
Storage temperature
Min. -65ºC Max. +85ºC
Min. -65ºC Max. +160ºC
Soldering IEC 68-2-20
Wave - max. 260ºC for max. 10 sec., please refer to usage guidelines
Soldering iron - max. 350ºC for max. 3 sec. Flux tight.
Environmental Endurance IEC 68-2-3
Temperature
+40ºC
Humidity
93% RH
Duration
56 Days
Sealing IEC 529
IP-54
Cleaning
Standard methods such as freon, water and soap (not immersed)
Material Specifications - Switches
Housing and actuator
Glass fiber filled Polycarbonate UL94V1
PPS UL94V0
Switch spring
Stainless steel
Key spring
Stainless steel
Latch pin
Stainless steel
Fixed contact
SnCu + 2
µNi + 3µAg
SnCu + 2
µNi + 3µAu
SnCu + 2
µNi + 3µAg
SnCu + 2
µNi + 3µAu
Moving contact
Stainless steel + 3
µAg Stainless steel + 3µAg+1µAu
Contact lubricant
Special protective lubricant Klüber Barrierta I EL Fluid
Material Specifications - Caps & Bezels
ABS (standard) UL94HB
Temperature limit
Max. +65ºC
Specifications are subject to change without notice
Stainless steel + 3
µAg Stainless steel + 3µAg+1µAu
unimec LEDs
***
IF = 50mA
** Pulse width 1ms Duty cycle 1:5
**** Luminous Flux mlm
Part Nos.
16920/16921
16922
16923
16924
Colour (G = Green, Y = Yellow, R = Red)
G
Y
R
G
Y
R
G
Y
R
G
Y
R
Absolute Maximum Ratings
(Ta=25ºC)
Power
mW
100
100
100
135
135
135
70
60
60
300
300
300
Current forward
mA
30
30
30
30
30
30
20
20
20
75
90
90
Forward peak current
mA
50
50
50
90
90
90
60**
60**
60**
2
2.5
2.5
Voltage reverse
V
5
5
5
5
5
5
3
3
3
5
5
5
Operating temperature
-25 - +100
-55 - +100
-25 ~ +85
-55 ~ +100
Storage temperature
-25 - +100
-55 - +100
-30 ~ +100
-55 ~ +100
Soldering temperature
+ 245 for max. 3 sec.
+300 for max. 3 sec.
260 for max. 5 sec.
300 for max. 3 sec.
Electrical-Optical Characteristics
(Ta=25ºC)
Voltage forward
Typ. V
2.0
2.0
2.0
2.1
2.2
2.3
2.1
2.1
2.0
2.4***
2.4***
2.4***
Max. V
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.0
3.8***
3.8***
3.8***
Current reverse
µA
100
100
100
100
100
100
10
10
10
10
10
10
Wave length
nm
560
590
660
565
585
635
563
585
650
565
586
635
Spread
∅nm
10
10
10
10
10
10
40
40
40
25
45
45
Spread angle
degree
20
20
20
45
45
45
45
45
45
55
30
55
Luminous Intensity
Min. mcd
1
1
0.8
1.5
2.5
2.5
9.0
5.6
5.6
100****
100****
100****
Typ. mcd
2
3
1.6
2.5
3.0
5.0
25
16
16
160****
160****
160****
Orientation
The longer pin is the anode, the shor ter is the cathode.
Colour Codes
02
04
08
02
04
08
20
40
80
22
44
88
Tampon Printing
According to ISO Class.: 1/ ASTM Class.: 4B
ºC
ºC
ºC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com