Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4FSH982 Datasheet(PDF) 2 Page - MEC Marcom Electronic Components Ltd.

Part # 4FSH982
Description  illumec™ 4F
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.

4FSH982 Datasheet(HTML) 2 Page - MEC Marcom Electronic Components Ltd.

  4FSH982 Datasheet HTML 1Page - MEC Marcom Electronic Components Ltd. 4FSH982 Datasheet HTML 2Page - MEC Marcom Electronic Components Ltd. 4FSH982 Datasheet HTML 3Page - MEC Marcom Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Specifications
Contact resistance
Insulation resistance
Recommended load
Contact bounce
Mechanical Specifications
Standard actuation
force (switch)
Max. actuation
force without cap
Key travel (switch)
Life time (switch)
Temperature Range
Working temperature
Storage temperature
Soldering IEC 68-2-20
Environmental Endurance IEC 68-2-3
Temperature
Humidity
Duration
Temperature Cycling IEC 68-2-14
Temperature limit
Number of cycles
Exposure time at each
temperature
Recovery time before
measurements
Sealing IEC 529
Cleaning
Vibration Test IEC 68-2-6
Cycles
Cycles time
Material Specifications - Switches
Housing
Actuator
Sealing + spring
Contact spring
Fixed contacts
Terminals
Material Specifications - Caps & Bezels
Material
ABS
Polycarbonate
LCP
PPS
Polyamide
Legends Adhesion
* LED max. working temperature
3A-3C-3E-3F
3A-3C-3E-3F
illumec™ 4A - 4F
Low Temperature Versions
High Temperature Versions
High Temperature Versions
Silver
Gold
Silver
Gold
Silver
Gold
<30m Ω - typ. 10m Ω
<30m Ω - typ. 10m Ω
<30m Ω - typ. 10 m Ω
>10M Ω
>10M Ω
>10M Ω
0.5-50mA 24VDC
0.5μ-50mA 24VDC
0.5-50mA 24VDC
0.5μ-50mA 24VDC
0.5-50mA 24VDC
0.5μ-50mA 24VDC
<2mS - typically 0.5mS
<2mS - typically 0.5mS
<2mS - typically 0.5mS
3.0N typ.
3.0N typ.
3.0N typ.
100N for 10 sec.
100N for 10 sec.
100N for 10 sec.
1 mm
1 mm
1 mm
>10.000.000 cycles
>10.000.000 cycles
>10.000.000 cycles
Min. -40°C Max. +115°C
Min. -40°C Max. +160°C
Min. -30°C Max. +85°C*
Min. -40°C Max. +115°C
Min. -40°C Max. +160°C
Min. -30°C Max. +85°C*
Wave - max. 260°C for max. 10 sec.,
Infrared, vapour phase, wave - max. 240°C for Infrared, vapour phase, wave - max. 240°C for
please refer to usage guidelines.
max. 40 sec. or max. 260°C for max. 30 sec.
max. 40 sec. or max. 260°C for max. 30 sec.
Soldering iron - max. 350°C for max. 3 sec.
Soldering iron - max. 350°C for max. 3 sec.
Soldering iron - max. 350°C for max. 3 sec.
Flux tight.
Flux tight.
Flux tight.
+40°C
+40°C
+40°C
93% RH
93% RH
93% RH
56 Days
56 Days
56 Days
Min. -40°C - Max. +125°C
Min. -40°C - Max. +125°C
Min. -40°C - Max. +125°C
10
10
10
30 min.
30 min.
30 min.
16 hrs.
16 hrs.
16 hrs.
IP-67
IP-67
IP-67
Standard methods - see usage guidelines
Standard methods - see usage guidelines
Standard methods - see usage guidelines
10
2 hrs.
PBT UL94VO
PPS UL94VO
PPS UL94VO
PBT UL94VO
PPS UL94VO
PPS UL94VO
Silicone rubber
Silicone rubber
Silicone rubber
Stainless steel
Stainless steel
Stainless steel
Stainless steel
Stainless steel
Stainless steel
+ 3μAg
+ 1μAu
+ 3μAg
+ 1μAu
+ 3μAg
+ 1μAu
SnCu + 2μNI + 3μAg
SnCu + 2μNI + 1μAu
SnCu + 2μNI + 3μAg
SnCu + 2μNI + 1μAu
SnCu + 2μNI + 3μAg
SnCu + 2μNI + 1μAu
SnCu + 2μNI + 3μSn100
SnCu + 2μNI + 3μSn100
SnCu + 2μNI + 3μSn100
SnCu + 2μNI + 3μSn100 SnCu + 2μNI + 3μSn100
SnCu + 2μNI + 3μSn100
Parts
Temp limit
UL rating
1A, 1B, 1C, 1D, 1E, 1F, 1H, 1K, 1M, 1N, 1P, 1Q, 1R, 1T, 1U,
Max. 65°C
UL94HB
1V, 1WA, 1WD, 1WP, 1X, 1ZA, 1ZB, 1ZC.
All lenses, 3E coloured actuators
Max. 85°C
UL94V1
Black actuator of 3E
Max. 160°C
UL94VO
1S, 2S
Max. 160°C
UL94VO
Actuator of Varimec™, 1GA/1GC
Max. 160°C
UL94VO
ISO Class: 1/ASTM Class: 4B DIN EN ISO 2409
For updates of products and/or changes of specifications please see www.mec.dk
Specifications are subject to change without notice.
multimec® technical specifications
RoHS Compatible
www.mec.dk
|
mec
|
0611
www.mec.dk
|
mec
|
0611
www.mec.dk
|
mec
|
0611
www.mec.dk
|
mec
|
0611
www.mec.dk
|
mec
|
0611



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com