Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT45B Datasheet(PDF) 3 Page - EPCOS

Part # ACT45B
Description  Common mode filters/Chokes Automotive signal line (for power train/safety)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ACT45B Datasheet(HTML) 3 Page - EPCOS

  ACT45B Datasheet HTML 1Page - EPCOS ACT45B Datasheet HTML 2Page - EPCOS ACT45B Datasheet HTML 3Page - EPCOS ACT45B Datasheet HTML 4Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20221024
(3/4)
cmf_automotive_signal_act45b_en.fm
EMC Components
ACT45B type
SHAPE & DIMENSIONS
RECOMMENDED LAND PATTERN
CIRCUIT DIAGRAM
RECOMMENDED REFLOW PROFILE
PACKAGING STYLE
REEL DIMENSIONS
TAPE DIMENSIONS
PACKAGE QUANTITY
TEMPERATURE RANGE, INDIVIDUAL WEIGHT
 The storage temperature range is for after the assembly.
Dimensions in mm
4.5
±0.2
1
2
4
3
0.65
±0.1
0.7
±0.1
Marking
5.9
3.2
Dimensions in mm
1
2
4
3
• No polarity
Natural
cooling
60 to 120s
Preheating
Soldering
230°C
230°C
245°C
180°C
150°C
Time
Peak
5s max.
10 to 30s
Type
A
B
K
ACT45B
(3.6)
(4.9)
(3.05)
Package quantity
2,500 pcs/reel
Operating
temperature range
Storage
temperature range
Individual
weight
–40 to +150 °C
–40 to +150 °C
0.14 g
ø13.0+0.3/-0.2
2.0±0.5
ø330+2.0/-2.5
Dimensions in mm
13.5±0.5
(ø21)
(2)
4.0±0.1
2.0±0.05
8.0±0.1
A
1.55±0.05
Dimensions in mm
Sprocket
hole
Cavity
0.3±0.05
K
Blank
Products
Blank
160min.
400 to 500
Drawing direction
Start
End
Dimensions in mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com