Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B82747S4 Datasheet(PDF) 4 Page - EPCOS

Part # B82747S4
Description  Power line chokes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82747S4 Datasheet(HTML) 4 Page - EPCOS

  B82747S4 Datasheet HTML 1Page - EPCOS B82747S4 Datasheet HTML 2Page - EPCOS B82747S4 Datasheet HTML 3Page - EPCOS B82747S4 Datasheet HTML 4Page - EPCOS B82747S4 Datasheet HTML 5Page - EPCOS B82747S4 Datasheet HTML 6Page - EPCOS B82747S4 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
05/15
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Characteristics and ordering codes
Rated voltage VR
500 / 300 V AC (50/60 Hz)
Test voltage Vtest
2000 V AC, 2 s (line/line)
Rated temperature TR
+70 C
Rated current IR
Referred to 50 Hz and rated temperature
Rated inductance LR
Measured with Agilent 4284A at 100 kHz, 0.1 mA, +20 °C.
Inductance is specified per winding.
Inductance tolerance
+35% at +20 °C
Inductance decrease L/L0
< 10% at DC magnetic bias with IR, +20 °C
Stray inductance Lstray,typ
Measured with Agilent 4284A at 100 kHz, 5 mA, +20 °C,
typical values
DC resistance Rtyp
Measured at +20 °C, typical values, specified per winding
Solderability (lead-free)
Sn96.5Ag3.0Cu0.5: +(245 5) °C, (3 0.3) s
Wetting of soldering area
95%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
+(260 5) °C, (10 1) s
(to IEC 60068-2-20, test Tb)
Climatic category
40/125/56 (to IEC 60068-1)
Pollution degree
P2 (to IEC 61558-1)
Storage conditions (packaged)
–25 °C … +40 °C,
75% RH
Weight
220, 230 g
Approvals
UL1446 Class 155 (F) (E320370)
IR
A
LR
mH
Lstray,typ
H
Rtyp
m
Wire Ø
d ±0.1
mm
Ordering code
30
0.85
5.5
1.9
2.5
B82747S4253A0401)
1) Alternative rating: 25 A at +85 °C
35
0.82
4.0
1.4
2.8
B82747S4303A0412)
2) Alternative rating: 30 A at +85 °C
B82747S4
Power line chokes
Current-compensated frame core triple chokes



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com