Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EC90XG Datasheet(PDF) 2 Page - EPCOS

Part # EC90XG
Description  Surge arrester
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

EC90XG Datasheet(HTML) 2 Page - EPCOS

  EC90XG Datasheet HTML 1Page - EPCOS EC90XG Datasheet HTML 2Page - EPCOS EC90XG Datasheet HTML 3Page - EPCOS EC90XG Datasheet HTML 4Page - EPCOS EC90XG Datasheet HTML 5Page - EPCOS EC90XG Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Surge arrester
B88069X5110T502
2-electrode arrester
EC90XG
PPD AB PD / PPD AB PM
Version: 05 / 2019-07-09
Please read Cautions and warnings and
Page 2 of 6
Important notes at the end of this document.
Features
Applications
Standard size
Very fast response time
High current rating
Stable performance over life
Very low capacitance
High insulation resistance
RoHS-compatible
Branch exchange
Line protection
Subscriber protection
Alarm system
Tuner
Antenna protection
Electrical specifications
DC spark-over voltage
1) 2)
Tolerance
Min.
Max.
90
±20
72
108
V
%
V
V
Impulse spark-over voltage
at 100 V/µs
- for 99% of measured values
- typical values of distribution
at 1 kV/µs
- for 99% of measured values
- typical values of distribution
< 500
< 450
< 600
< 550
V
V
V
V
Service life
10 operations
50 Hz, 1 s
5
A
1 operation
50 Hz, 0.18 s (9 cycles)
20
A
10 operations
8/20 µs
5
kA
1 operation
8/20 µs
10
kA
1 operation
10/350 µs
1
kA
300 operations
10/1000 µs
100
A
Insulation resistance at 50 VDC
> 10
G
Ω
Capacitance at 1 MHz
< 1.5
pF
Arc voltage at 1 A
Glow to arc transition current
Glow voltage
~ 12
< 0.8
~ 55
V
A
V
Weight
~ 1.5
g
Operation and storage temperature
−40 ... +125
°C
Climatic category (IEC 60068-1)
40/125/21
Marking, red positive
EC 90 YY O
EC
- Series
90
- Nominal voltage
YY
- Year of production
O
- Non radioactive
1)
At delivery AQL 0.65 level II, DIN ISO 2859
2)
In ionized mode
Terms in accordance with ITU-T Rec. K.12 and IEC 61643-311.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com