Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBYW02 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMBYW02
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBYW02 Datasheet(HTML) 3 Page - STMicroelectronics

  SMBYW02 Datasheet HTML 1Page - STMicroelectronics SMBYW02 Datasheet HTML 2Page - STMicroelectronics SMBYW02 Datasheet HTML 3Page - STMicroelectronics SMBYW02 Datasheet HTML 4Page - STMicroelectronics SMBYW02 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0.0
0.5
1.0
1.5
2.0
2.5
=0.05
=0.1
=0.2
=0.5
T
=tp/T
tp
IF(av)(A)
PF(av)(W)
=1
Fig. 1: Low frequency power losses versus
average current.
0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
0
10
20
30
40
50
60
P=0.5W
T
I
M
=tp/T
tp
IM(A)
P=1.5W
P=2.5W
Fig. 2: Peak current versus form factor.
0.001
0.01
0.1
1
10
0.01
0.1
1
Zth(j-c) (tp.
)
K=
Rth(j-c)
=0 . 5
=0 . 2
=0 . 1
Singl e puls e
tp(s)
T
=tp/ T
tp
K
Fig. 4: Relative variation of thermal impedance
junction to lead versus pulse duration.
0.001
0.01
0.1
1
10
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
IM
t
=0.5
t(s)
IM(A)
Tc=25 C
o
Tc=70 C
o
Tc=100
C
o
Fig. 3: Non repetitive surge peak forward current
versus overload duration.
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
I FM(A)
VFM(V)
Tl=100 C
o
20
Fig. 5:
Voltage drop versus forward current
(maximum values).
0
20406080
100
120
140
160
0.0
0.5
1.0
1.5
2.0
2.5
T
=tp/T
tp
=0.5
F(av)(A)
I
o
Tamb( C)
1cm Cu
2
Rth(j-a)=75
C/W
o
Rth(j-a)=Rth(j-l)
Fig.
6:
Average
current
versus
ambient
temperature (
δ=0.5).
SMBYW02-200
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com