Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IST4125 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IST4125
Description  isc Thyristor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IST4125 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IST4125 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IST4125 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IST4125 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc
Thyristor
IST4125
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM,
--
5.0
μA
IDRM
Repetitive peak off-state current
VD=VDRM,
--
5.0
μA
IGT
Gate trigger current
VD=12V, RL=100Ω
--
30
mA
VGT
Gate trigger voltage
--
1.5
V
IH
Holding current
IT=0.5A
--
60
mA
IL
Latching current
IG=1.2IGT
--
60
mA
VTM
On-state voltage
ITM= 75A
--
1.4
V
PACKAGE OUTLINE (Dimensions in mm)
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com