Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISU6173 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISU6173
Description  Hyperfast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISU6173 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISU6173 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISU6173 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hyperfast Rectifier
ISU6173
www.iscsemi.com
1
FEATURES
· 1200 V Reverse Voltage and High Reliability
· 175℃ operating junction temperature
APPLICATIONS
· Switching Power Supplies
· Power Switching Circuits
· General Purpose
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
1200
V
IF(AV)
Average Rectified Output Current
15
A
IFSM
Non-Repetitive Peak Forward Surge Current ,8.3ms
200
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.5
℃
/W
ELECTRICAL CHARACTERISTICS(TJ = 25°C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Forward Voltage Drop
IF= 15A
--
2.0
2.6
V
IR
Peak Reverse Current
VR=1200V
--
--
2
uA
Trr
Reverse Recovery Time
IF=0.5A IR=1A Irr=0.25A
--
45
60
ns


Similar Part No. - ISU6173

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISU6107 ISC-ISU6107 Datasheet
377Kb / 2P
Silicon CarbideSchottky Rectifier Diode
ISU6117 ISC-ISU6117 Datasheet
531Kb / 3P
Fast Recovery Diode
ISU6126 ISC-ISU6126 Datasheet
267Kb / 2P
Super Fast Recovery Diode
ISU6131 ISC-ISU6131 Datasheet
433Kb / 3P
Ultrafast Soft Recovery Diode
ISU6155 ISC-ISU6155 Datasheet
314Kb / 2P
Fast Recovery Rectifier Diode
More results

Similar Description - ISU6173

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
Hyperfast Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
Hyperfast Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
Hyperfast Rectifier
15ETH06PBF IRF-15ETH06PBF Datasheet
235Kb / 8P
Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
Hyperfast Rectifier
logo
Vishay Siliconix
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
20-Nov-14
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
Hyperfast Rectifier
24-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com