Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS5-15 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SFS5-15
Description  AC-DC Converter Compact Miniature Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS5-15 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SFS5-15 Datasheet HTML 3Page - List of Unclassifed Manufacturers SFS5-15 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFS5-15 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFS5-15 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFS5-15 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFS5-15 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFS5-15 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFS5-15 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFS5-15 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DATASHEET
SEP 05, 2007
SFS5 Series AC-DC Converter Compact Miniature Type
With Your Electronics POWERPLAZA
www.powerplaza.co.kr
Start up Time
TEST CONDITION
- 220Vac Input
- Full Load Output
-When Input on Phase 360°, Output Voltage 100% rise Time Measure
SFS5-3R3
23.8mS
SFS5-5
84.6mS
SFS5-12
72.3mS
SFS5-15
55.5mS
Amount of delay time and rise time. After input-
voltage injects.
SFS5-24
32.9mS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com