Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3560 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3560
Description  2.25MHz, 800mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3560 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3560 Datasheet HTML 8Page - Linear Technology LTC3560 Datasheet HTML 9Page - Linear Technology LTC3560 Datasheet HTML 10Page - Linear Technology LTC3560 Datasheet HTML 11Page - Linear Technology LTC3560 Datasheet HTML 12Page - Linear Technology LTC3560 Datasheet HTML 13Page - Linear Technology LTC3560 Datasheet HTML 14Page - Linear Technology LTC3560 Datasheet HTML 15Page - Linear Technology LTC3560 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC3560
3560f
APPLICATIO S I FOR ATIO
Figure 6a
Figure 6b
Figure 6c
VIN
CIN*
10
µF
CER
VIN
2.7V
TO 4.2V
LTC3560
RUN
SYNC/MODE
3
1.5
µH**
10pF
976k
309k
3560 F06a
5
4
6
1
2
SW
VFB
GND
COUT*
10
µF
CER
VOUT
2.5V
* TDK C2012X5R0J106M
**TDK VLF3010AT-1R5N1R2
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3560 F06b
0
1
VIN = 3.6V
VIN = 4.2V
VOUT = 2.5V
Burst Mode
OPERATION
PULSE
SKIPPING
VOUT
200mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
20
µs/DIV
3560 F06c
VIN = 3.6V
VOUT = 2.5V
ILOAD = 100mA TO 800mA
Burst Mode OPERATION
VOUT
200mV/DIV
AC COUPLED
IL
1A/DIV
ILOAD
1A/DIV
20
µs/DIV
3560 F06d
VIN = 3.6V
VOUT = 2.5V
ILOAD = 100mA TO 800mA
PULSE SKIPPING MODE
Figure 6d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com