Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFS5-24C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # SFS5-24C
Description  AC-DC Converter Compact Miniature Type
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SFS5-24C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SFS5-24C Datasheet HTML 5Page - List of Unclassifed Manufacturers SFS5-24C Datasheet HTML 6Page - List of Unclassifed Manufacturers SFS5-24C Datasheet HTML 7Page - List of Unclassifed Manufacturers SFS5-24C Datasheet HTML 8Page - List of Unclassifed Manufacturers SFS5-24C Datasheet HTML 9Page - List of Unclassifed Manufacturers SFS5-24C Datasheet HTML 10Page - List of Unclassifed Manufacturers SFS5-24C Datasheet HTML 11Page - List of Unclassifed Manufacturers SFS5-24C Datasheet HTML 12Page - List of Unclassifed Manufacturers SFS5-24C Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DATASHEET
SEP 05, 2007
SFS5 Series AC-DC Converter Compact Miniature Type
With Your Electronics POWERPLAZA
www.powerplaza.co.kr
Over Shoot
TEST CONDITION
- 220Vac Input
- Full Load Output
SFS5-3R3
0V
SFS5-5
0V
SFS5-12
0V
SFS5-15
0V
When turn-on, the output overshoot voltage shall
not exceed 5% of normal Voltage value no Load
or full Load connected.
SFS5-24
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com