Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD512B1 Datasheet(PDF) 66 Page - STMicroelectronics

Part # PSD512B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD512B1 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button PSD512B1 Datasheet HTML 62Page - STMicroelectronics PSD512B1 Datasheet HTML 63Page - STMicroelectronics PSD512B1 Datasheet HTML 64Page - STMicroelectronics PSD512B1 Datasheet HTML 65Page - STMicroelectronics PSD512B1 Datasheet HTML 66Page - STMicroelectronics PSD512B1 Datasheet HTML 67Page - STMicroelectronics PSD512B1 Datasheet HTML 68Page - STMicroelectronics PSD512B1 Datasheet HTML 69Page - STMicroelectronics PSD512B1 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 153 page
background image
PSD5XX Family
63
General Description
The PSD5XX contains a powerful set of four 16 bit Counter/Timers, each controlled by
either PPLD outputs, external pins or Software. The Counter/Timers aid the user in
counting external events and/or generating accurate delays. These can be operated
as Counters or Timers. In Event-count, time capture and WatchDog modes, the
Counter/Timers work as Counters, whereas in Waveform and Pulse modes they work as
Timers. All Counter/Timers are capable of generating interrupts through the On-Board
Interrupt Controller. Each of the Counter/Timers consist of a Counter/Timer Command
register, Counter/Timer Image register and Counter/Timer register. All four Counter/Timers
share a Global command register, a Software Load/Store register, a Freeze command
register and the Status register. Counter/Timer 2 can support WatchDog operations.
All Counter/Timers share a common clock input and Delay Cycle register used in scaling
down the input clock to the Counter/Timer. The maximum resolution of the Counter/Timer
is the input clock of the PSD5XX divided by four. The maximum input clock frequency to
the PSD5XX is 30 MHz. Figures 31 and 32 describe the general features of the
Counter/Timers.
Features
t Four 16 bit Counter/Timers.
t Five modes of operation
– Waveform Mode
– Pulse Mode
– Event Counter Mode
– Time Capture Mode
– WatchDog Mode*
t Each Counter/Timer can be controlled by an input pin, dedicated PPLD macrocell or
software.
t Each Counter/Timer has an output to the Interrupt Controller.
t The WatchDog output is routed through the PLD and can be programmed to be
output at any PLD output pin.
t Programmable input and output polarity.
t Counter/Timer can be programmed as UP or DOWN Counter, except in
WatchDog mode.
t All Counters have the operating frequency range of DC to 7.0 MHz
(i.e 143 ns maximum resolution at 7.0 MHz). Higher resolution can be achieved
by using in conjunction with the GPLD macrocells.
t High resolution Divisor unit for Counter clocking purposes.
t Can easily interface with any 8 or 16 bit Microcontroller or Microprocessor.
See Process Change Notice related to Event Count Mode on page 148.
9.6
PSD5XX
Counter/Timer
(*) Counter/Timer-2 can operate in WatchDog mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com