Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6T39A Datasheet(PDF) 2 Page - STMicroelectronics

Part # SM6T39A
Description  TRANSILTM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T39A Datasheet(HTML) 2 Page - STMicroelectronics

  SM6T39A Datasheet HTML 1Page - STMicroelectronics SM6T39A Datasheet HTML 2Page - STMicroelectronics SM6T39A Datasheet HTML 3Page - STMicroelectronics SM6T39A Datasheet HTML 4Page - STMicroelectronics SM6T39A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM6Txx
2/5
I
I F
V F
V
VCL
VBR
VRM
I PP
I RM
V
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
Types
IRM @VRM
VBR
@IR
VCL @IPP
VCL @IPP
αTC
max
min nom max
max
max
max
typ
note2
10/1000
µs
8/20
µs
note3
note4
Uni
directional
Mar-
king
Bi
directional
Mar-
king
µAV
V
V
V
mA
V
A
V
A
10
-4/°C
pF
SM6T6V8A DE
SM6T6V8CA LE
1000
5.8
6.45
6.8
7.14
10
10.5
57
13.4
298
5.7
4000
SM6T7V5A DG
SM6T7V5CA LG
500
6.4
7.13
7.5
7.88
10
11.3
53
14.5
276
6.1
3700
SM6T10A
DP
SM6T10CA
LP
10 8.55
9.5
10
10.5
1
14.5
41
18.6
215
7.3
2800
SM6T12A
DT
SM6T12CA
LT
5 10.2
11.4
12
12.6
1
16.7
36
21.7
184
7.8
2300
SM6T15A
DX
SM6T15CA
LX
1 12.8
14.3
15
15.8
1
21.2
28
27.2
147
8.4
1900
SM6T18A
EE
SM6T18CA
ME
1 15.3
17.1
18
18.9
1
25.2
24
32.5
123
8.8
1600
SM6T22A
EK
SM6T22CA
MK
1 18.8
20.9
22
23.1
1
30.6
20
39.3
102
9.2
1350
SM6T24A
EM
SM6T24CA
MM
1 20.5
22.8
24
25.2
1
33.2
18
42.8
93
9.4
1250
SM6T27A
EP
SM6T27CA
MP
1 23.1
25.7
27
28.4
1
37.5
16
48.3
83
9.6
1150
SM6T30A
ER
SM6T30CA
MR
1 25.6
28.5
30
31.5
1
41.5
14.5
53.5
75
9.7
1075
SM6T33A
ET
SM6T33CA
MT
1 28.2
31.4
33
34.7
1
45.7
13.1
59.0
68
9.8
1000
SM6T36A
EV
SM6T36CA
MV
1 30.8
34.2
36
37.8
1
49.9
12
64.3
62
9.9
950
SM6T39A
EX
SM6T39CA
MX
1 33.3
37.1
39
41.0
1
53.9
11.1
69.7
57
10.0
900
SM6T68A
FQ
SM6T68CA
NQ
1 58.1
64.6
68
71.4
1
92
6.5
121
33
10.4
625
SM6T75A
FS
SM6T75CA
NS
1 64.1
71.3
-
78.8
1
103
5.8
134
30
10.5
575
SM6T100A FY
SM6T100CA NY
1 85.5
95.0 100
105
1
137
4.4
178
22.5
10.6
500
SM6T150A GL
SM6T150CA OL
1 128
143
150
158
1
207
2.9
265
15
10.8
400
SM6T200A GU
SM6T200CA OU
1 171
190
200
210
1
274
2.2
353
11.3
10.8
350
SM6T220A GW SM6T220CA OW
1 188
209
220
231
1
328
2
388
10.3
10.8
330
Note 2 :
Pulse test : tp <50ms.
Note 3 :
∆VBR = αT * (Tamb - 25) * VBR(25°C).
Note 4 :
VR = 0 V, F = 1 MHz. For bidirectional types,
capacitance value is divided by 2.
Fig. 1: Peak pulse power dissipation versus initial
junction temperature (printed circuit board).
10 s
1000 s
%I PP
50
0
t
PULSE WAVEFORM 10/1000
s
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com