Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2175 Datasheet(PDF) 2 Page - Alpha Wire

Part # 2175
Description  CUSTOMER PRODUCT SPECIFICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2175 Datasheet(HTML) 2 Page - Alpha Wire

  2175 Datasheet HTML 1Page - Alpha Wire 2175 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Numbers: 2160 – 2176
Issue:
3
Spec Number: C2160
Issue Date:
8/3/2004
Page 2 of 2 Pages
Effective Date:
9/28/2004
Table 1
Part Number
100 ft Put-Up
250 ft Put-Up
2160
SP1-10 2.75 x 1 x 1-1/8
SP1-10 2.75 x 1 x 1-1/8
2162
SP1-10 2.75 x 1 x 1-1/8
SP2-10 2.75 x 2 x 1-1/8
2163
SP2-10 2.75 x 2 x 1-1/8
SP3-10 3.5 x 3 x 1-1/8
2164
SP3-10 3.5 x 3 x 1-1/8
W9-145 9 x 4.5 x 3.5
2166
SP3-10 3.5 x 3 x 1-1/8
W9-145 9 x 4.5 x 3.5
2167
W9-145 9 x 4.5 x 3.5
W9-145 9 x 4.5 x 3.5
2168
W9-145 9 x 4.5 x 3.5
W9-145 9 x 4.5 x 3.5
2170
W9-145 9 x 4.5 x 3.5
N/A
2171
W9-145 9 x 4.5 x 3.5
N/A
2171/1
W9-145 9 x 4.5 x 3.5
N/A
2172
W9-145 9 x 4.5 x 3.5
N/A
2173
W9-145 9 x 4.5 x 3.5
N/A
2174
W9-145 9 x 4.5 x 3.5
N/A
2175
W12-6 12 x 6 x 3.5
N/A
2175/1
W12-6 12 x 6 x 3.5
N/A
2176
W12-6 12 x 6 x 3.5
N/A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com