Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2175/1 Datasheet(PDF) 1 Page - Alpha Wire

Part # 2175/1
Description  CUSTOMER PRODUCT SPECIFICATION
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

2175/1 Datasheet(HTML) 1 Page - Alpha Wire

  2175/1 Datasheet HTML 1Page - Alpha Wire 2175/1 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALPHA WIRE COMPANY
CUSTOMER PRODUCT SPECIFICATION
Part Numbers: 2160 – 2176
Issue:
3
Spec Number: C2160
Issue Date:
8/3/2004
Page 1 of 2 Pages
Effective Date:
9/28/2004
Product Description: Tinned Copper Tubular Braid in accordance with Federal
Specification A-A-59569A
A. Construction
1) Conductor
a) Material
Tinned Copper, per ASTM B-33, latest revision
b) Stranding
Solid
2) Braid Data
Part
Number
Nominal
I.D.
Round
(Inches)
AWG
of
Ends
Number
of
Carriers
Nominal
Percent
Coverage
Number
of Ends
Approx.
Equiv.
AWG
Approx.
Current
Capacity
(Amps)
Federal Spec.
Number
2160
0.031
36
24
71
24
22
7
AA59569R36T0031
2162
0.062
36
24
78
48
19
11
AA59569R36T0062
2163
0.078
36
24
88
72
18
16
AA59569R36T0078
2164
0.109
36
24
90
96
16
19
AA59569R36T0109
2166
0.125
36
24
93
120
15
25
AA59569R36T0125
2167
0.156
36
24
95
240
12
40
AA59569R36T0156
2168
0.171
36
24
96
168
14
32
AA59569R36T0171
2170
0.203
34
24
99
192
11
46
AA59569R34T0203
2171
0.250
36
24
99
384
10
53
AA59569R36T0250
2171/1
0.281
30
24
93
120
9
60
AA59569R30T0281
2172
0.375
36
48
97
384
10
53
AA59569R36T0375
2173
0.437
30
24
99
240
6
90
AA59569R30T0437
2174
0.500
36
48
99
528
9
62
AA59569R36T0500
2175
0.562
30
48
99
480
3
145
AA59569R30T0562
2175/1
0.656
30
48
99
768
1
190
AA59569R30T0656
2176
0.781
36
48
99
864
7
88
AA59569R36T0781
B. Industry Approvals and Ratings
1) DSCC-VAI
Commercial Item Description A-A-59569A, latest issue
C. Packaging Requirements
1) Standard Package
per Table 1
2) Length Tolerance
Packages shall be -0/+5% in length.
3) Splicing Method
Overlapped on spool, Ends may not be taped together.
4) End Protection
None
5) Multiple Pieces
100 ft. Put-ups shall be continuous, no splices allowed.
250 ft. Put-ups shall be 2 pieces Max.
The minimum individual length shall be 50 feet for 2160
(1/32) to 2168 (11/64) and 25 feet for all other sizes.


Similar Part No. - 2175/1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
2175/1 ALPHAWIRE-2175/1 Datasheet
404Kb / 3P
ROHS CERTIFICATE OF COMPLIANCE
More results

Similar Description - 2175/1

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
1134C ALPHAWIRE-1134C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
1139C ALPHAWIRE-1139C Datasheet
77Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
2212C ALPHAWIRE-2212C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2215C ALPHAWIRE-2215C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2243C ALPHAWIRE-2243C Datasheet
79Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
2466C ALPHAWIRE-2466C Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
5227C ALPHAWIRE-5227C Datasheet
83Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6014C ALPHAWIRE-6014C Datasheet
85Kb / 2P
CUSTOMER PRODUCT SPECIFICATION
6373 ALPHAWIRE-6373 Datasheet
76Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
6380 ALPHAWIRE-6380 Datasheet
74Kb / 1P
CUSTOMER PRODUCT SPECIFICATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com