Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD513B1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PSD513B1
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD513B1 Datasheet(HTML) 5 Page - STMicroelectronics

  PSD513B1 Datasheet HTML 1Page - STMicroelectronics PSD513B1 Datasheet HTML 2Page - STMicroelectronics PSD513B1 Datasheet HTML 3Page - STMicroelectronics PSD513B1 Datasheet HTML 4Page - STMicroelectronics PSD513B1 Datasheet HTML 5Page - STMicroelectronics PSD513B1 Datasheet HTML 6Page - STMicroelectronics PSD513B1 Datasheet HTML 7Page - STMicroelectronics PSD513B1 Datasheet HTML 8Page - STMicroelectronics PSD513B1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 153 page
background image
PSD5XX Family
2
Please refer to the revision block at
the end of this document for updated
information.
The Peripheral PLD (PPLD) generates outputs to the Counter/Timer unit and the Interrupt
Controller. The PPLD outputs to the Counter/Timer enable, disable, or trigger counting or
time capture. The PPLD outputs to the Interrupt Controller enables the user to define
conditions for interrupt generation.
The Counter/Timer unit provides four 16-bit highly flexible Counter/Timers. Each has five
modes of operation: pulse, waveform, event counting, time capture, and watchdog
(real-time clock). Each Counter/Timer can be programmed to count up or down. The inputs
to the Counter/Timer, which enable/disable counting or trigger an operation, can originate
from the PPLD directly or directly from the pins. The maximum operating frequency of each
counter is 7.5 MHz. The input clock can be divided (by up to 280) before driving the
Counter/Timer unit using the 4 to 280 prescaler.
The Interrupt Controller has eight levels of priority encoding. It accepts four user-defined
interrupts and four terminal counts from the Counter/Timer. Each interrupt can be
individually masked and configured to be level or edge sensitive. A 3-bit interrupt vector is
generated that can be read by the microcontroller. The serviced interrupt will be cleared
automatically after the microcontroller has read the interrupt vector.
The PSD5XX has 40 I/O pins that are divided among 5 ports. Each I/O pin can be
individually configured to provide many functions, including the following:
• MCU I/O
• ZPLD I/O
• Latched address output (for MCUs with multiplexed data bus)
• Special function I/O (Counter/Timer and Interrupts)
• Data bus (for MCUs with non-multiplexed data bus).
The PSD5XX can easily interface with virtually any 8- or 16-bit microcontroller with a
multiplexed or non-multiplexed bus. All of the MCU control signals are connected to the
ZPLDs, enabling the user to generate signals for external devices. The PSD5XX can
generate a reset output based on the RESET input (includes hysteresis).
The PSD5XX provides between 256 Kbits and 1 Mbit of EPROM that is divided in to four
equal-sized blocks. Each block can occupy a different address location, allowing for
versatile address mapping. The access time of the EPROM includes the address latching
and DPLD decoding.
The PSD5XX has an optional 16 Kbit SRAM that can be battery-backed by connecting a
battery to the Vstby pin. The battery will protect the contents of the SRAM in the event of a
power failure. Therefore, you can place data in the optional SRAM that you want to keep
after the power is switched off. Power switch-over to the battery automatically occurs when
Vcc drops below Vstby.
A four-bit Page Register enables easy access to the I/O section, EPROM, and SRAM for
microcontrollers with limited address space. The Page Register outputs are connected to
the ZPLDs and thus can also be used for external paging schemes.
Introduction
(cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com