Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

263 Datasheet(PDF) 1 Page - Wiha Tools

Part # 263
Description  Wiha Hex Precision Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

263 Datasheet(HTML) 1 Page - Wiha Tools

  263 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Toll Free: (800) 494-6104
Wiha Quality Tools
See Product Category Index
142
263 90
Hex Driver, With Precision Handle
Metric sizes. Blade high alloy chrome-vanadium-molybdenum steel.
Item
No.
mm
Inch
mm
Inch
mm
Inch
lbs.
pkg.
263 07
0.7
.028
40
1.6
120
4.7
.02
10
263 09
0.9
.035
40
1.6
120
4.7
.02
10
263 13
1.27
.050
40
1.6
120
4.7
.02
10
263 15
1.5
-
50
2.0
145
5.7
.03
10
263 20
2.0
5/64
50
2.0
145
5.7
.03
10
263 25
2.5
-
60
2.4
170
6.7
.04
10
263 30
3.0
-
60
2.4
170
6.7
.04
10
263 40
4.0
-
60
2.4
170
6.7
.05
10
*Metric dimensions actual - Inch dimensions approximate
Hex Driver, With Precision Handle
Inch sizes. Blade high alloy chrome-vanadium-molybdenum steel.
Item
No.
Inch mm
mm
Inch
mm
Inch
lbs.
pkg.
263 07
.028
0.7
40
1.6
120
4.7
.02
10
263 09
.035
0.9
40
1.6
120
4.7
.02
10
263 13
.050
1.27
40
1.6
120
4.7
.02
10
263 16
1/16
-
50
2.0
145
5.7
.03
10
263 20
5/64
2.0
50
2.0
145
5.7
.03
10
263 23
3/32
-
60
2.4
170
6.7
.04
10
263 27
7/64
-
60
2.4
170
6.7
.04
10
263 31
1/8
-
60
2.4
170
6.7
.04
10
263 33
9/64
60
2.4
170
6.7
.05
10
263 36
5/32
60
2.4
170
6.7
.05
10
*Metric dimensions actual - Inch dimensions approximate
Set 7 Pcs. Hex Driver Metric
Blade high alloy chrome-vanadium-
molybdenum steel.
Item
No.
mm
mm
lbs.
263 90
263 07
0.7
40
.28
263 09
0.9
40
263 13
1.3
40
263 15
1.5
50
263 20
2.0
50
263 25
2.5
60
263 30
3.0
60
263 Inch
263 Metric
Set 8 Pcs. Hex Driver Inch
Blade high alloy chrome-vanadium-
molybdenum steel.
Item
No.
Inch
Inch
lbs.
263 91
263 07
.028
1.6
.32
263 09
.035
1.6
263 13
.050
1.6
263 16
1/16
2.0
263 20
5/64
2.0
263 23
3/32
2.4
263 27
7/64
2.4
263 31
1/8
2.4
263 91
Wiha Hex Precision Series
Set 8 Pcs. Hex Inch In Canvas Pouch
Blade high alloy chrome-vanadium-molybdenum steel. Hard chrome
finished. In storage pouch
Item
No.
Inch Inch
Inch Inch
lbs.
263 99
263 07
.028 1.6
263 20
5/64 2.0
.55
263 09
.035 1.6
263 23
3/32 2.4
263 13
.050 1.6
263 27
7/64 2.4
263 16
1/16 2.0
263 31
1/8
2.4
263 99
Rugged Polyester Canvas Storage Pouch
Holds 8 Precision Tools up to 170mm in length. Folding pouch.
Has security flaps and velcro closer.
Item
No.
Size
lbs.
pkg.
911 18
14 1/2” W x 7 3/4” L
.13
1
911 18
Go To
Image Index
Go To
Numerical Index
I
N
D
E
X
SHOP
SHOP
SHOP
SHOP
SHOP
SHOP
PREVIOUS
NEXT


Similar Part No. - 263

ManufacturerPart #DatasheetDescription
logo
Littelfuse
263 LITTELFUSE-263 Datasheet
63Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
logo
Keystone Electronics Co...
263 KEYSTONE-263 Datasheet
397Kb / 1P
9 VOLT BATTERY CONTACTS
31-07 20th
logo
Walther-Werke
263 WALTHER-263 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
English Chain Co. Ltd
263 19 ENGLISHCHAIN-263 19 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
263 22 ENGLISHCHAIN-263 22 Datasheet
348Kb / 7P
SMALL CHAINS AND FITTINGS
More results

Similar Description - 263

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9700 STMICROELECTRONICS-L9700 Datasheet
97Kb / 7P
HEX PRECISION LIMITER
Nov-1990
logo
List of Unclassifed Man...
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
35305 ETC2-35305 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
35307 ETC2-35307 Datasheet
204Kb / 1P
Wiha Quality Tools Short Arm Hex L-keys Black Finish
26539 ETC2-26539 Datasheet
256Kb / 1P
Wiha Nut Driver Precision Series
27515 ETC2-27515 Datasheet
171Kb / 1P
Wiha Precision ESD Safe Hex Drivers
33403 ETC2-33403 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
26076 ETC2-26076 Datasheet
313Kb / 1P
Wiha Soft Grip PicoFinish Precision Screwdrivers
logo
STMicroelectronics
L9700D013TR STMICROELECTRONICS-L9700D013TR Datasheet
468Kb / 8P
HEX PRECISION LIMITER
Sep-2000
L9700D-E STMICROELECTRONICS-L9700D-E Datasheet
322Kb / 14P
Hex precision limiter
05-Oct-2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com