Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27627 Datasheet(PDF) 1 Page - Wiha Tools

Part # 27627
Description  SYSTEM 6 ESD Set of Reversible Blades, 6 pcs. Slotted/ Phillips/ Hex/ Ball End Hex
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

27627 Datasheet(HTML) 1 Page - Wiha Tools

  27627 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
284ESDT601
SYSTEM 6 ESD Set of Reversible Blades, 6 pcs.
Slotted/ Phillips/ Hex/ Ball End Hex.
Blade
High quality chrome-vanadium-molybdenum steel, through hardened,
chrome-plated.
Colour-coded Wiha ChromTop® tips.
Blade length is adjustable from 42-114 mm.
Handle
SYSTEM 6 SoftFinish®-telescopic ESD Handle.
ESD-safe (dissipative), surface resistance 10^6 - 10^9 Ohm.
ClickStop ball clamp guarantees a secure hold and rapid blade exchange.
Extra
Versatile and space-saving, it fits in every toolbox.
Order No.
31497
1
Order No.
31496
6,0
115
36
27627
3,5
4,5
0,6
150
0,8
6,0
00629
4,0
6,0
0,8
150
1,0
6,0
00630
5,5
6,5
1,0
150
1,2
6,0
00631
PH1
PH2
150
6,0
00638
5
5
150
6,0
Page 4 of 5


Similar Part No. - 27627

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
27627 WIHA-27627 Datasheet
58Kb / 1P
Interchangeable blade SYSTEM 6
27627 WIHA-27627 Datasheet
272Kb / 6P
Wiha SYSTEM 6.
logo
Winchester Electronics ...
2762706792 WINCHESTER-2762706792 Datasheet
136Kb / 2P
.125 X .125 GRID
2762720792 WINCHESTER-2762720792 Datasheet
136Kb / 2P
.125 X .125 GRID
More results

Similar Description - 27627

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00601 ETC1-D00601 Datasheet
30Kb / 1P
Folding Ball End Hex Key Set
36941 ETC2-36941 Datasheet
269Kb / 1P
Metric Ball End Hex Keys Chrome Finish
36962 ETC2-36962 Datasheet
350Kb / 1P
Metric Ball End Hex Keys Black Finish
logo
RAF ELECTRONIC HARDWARE
M1309-4007-AL RAF-M1309-4007-AL Datasheet
75Kb / 1P
6 MM HEX FEMALE STANDOFFS
M1311-3005-AL RAF-M1311-3005-AL Datasheet
88Kb / 1P
6 MM HEX FEMALE STANDOFFS
M1312-3005-AL RAF-M1312-3005-AL Datasheet
89Kb / 1P
6 MM HEX FEMALE STANDOFFS
M1313-3005-N RAF-M1313-3005-N Datasheet
94Kb / 1P
6 MM HEX FEMALE STANDOFFS
M1313-3005-SS RAF-M1313-3005-SS Datasheet
94Kb / 1P
6 MM HEX FEMALE STANDOFFS
M1316-3005-B RAF-M1316-3005-B Datasheet
101Kb / 1P
6 MM HEX FEMALE STANDOFFS
M1331-4007-SS RAF-M1331-4007-SS Datasheet
84Kb / 1P
6 MM HEX FEMALE STANDOFFS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com