Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

02804 Datasheet(PDF) 1 Page - Wiha Tools

Part # 02804
Description  Hex driver with T-handle. Inch sizes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

02804 Datasheet(HTML) 1 Page - Wiha Tools

  02804 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
334 Zoll
Hex driver with T-handle.
Inch sizes.
Blade:
Chrome-vanadium steel, through hardened, nickel-plated.
Handle:
Wiha Classic T-handle.
Application:
For high torque transfer with minimal effort.
Ord.No.
02802
3/32
150
182
80
26
2,38
10
02803
7/64
150
182
80
26
2,78
10
02804
1/8
150
182
80
26
3,18
10
02805
9/64
150
182
80
26
3,57
10
02806
5/32
150
182
80
26
3,97
10
02807
3/16
150
182
100
32
4,76
10
02808
7/32
150
182
100
32
5,56
10
02809
1/4
150
182
100
32
6,35
10
02810
5/16
150
182
100
32
7,94
10
02811
3/8
150
188
120
38
9,53
10
Page 1 of 1


Similar Part No. - 02804

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
02804 WIHA-02804 Datasheet
61Kb / 1P
L-key with T-handle
02804 WIHA-02804 Datasheet
46Kb / 1P
The Classic for High Torques.
02804 6 WIHA-02804 6 Datasheet
46Kb / 1P
The Classic for High Torques.
More results

Similar Description - 02804

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6805B TEMIC-U6805B Datasheet
117Kb / 5P
Hex-Driver with Thermal Monitoring
logo
List of Unclassifed Man...
32641 ETC-32641 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools Ergonomic handle design for high torque
33403 ETC2-33403 Datasheet
261Kb / 1P
Wiha T-handle Hex Tools
logo
PHOENIX CONTACT
SF-THEX-2-100 PHOENIX-SF-THEX-2-100 Datasheet
44Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 2 x 100 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-3-100 PHOENIX-SF-THEX-3-100 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 3 x 100 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-4-150 PHOENIX-SF-THEX-4-150 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 4 x 150 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-5-150 PHOENIX-SF-THEX-5-150 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 5 x 150 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-6-200 PHOENIX-SF-THEX-6-200 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 6 x 200 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-8-200 PHOENIX-SF-THEX-8-200 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 8 x 200 mm, ergonomically shaped handle, matt chrome-plated
SF-THEX-10-200 PHOENIX-SF-THEX-10-200 Datasheet
42Kb / 2P
T-handle screwdriver, for Allen screws, hexagon (with chamfer), size: Hex 10 x 200 mm, ergonomically shaped handle, matt chrome-plated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com