Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116-2-A-5/2D Datasheet(PDF) 4 Page - Copyright Pickering Electronics Ltd

Part # 116-2-A-5/2D
Description  Single-in-Line SIL/SIP Reed Relays
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKERING [Copyright Pickering Electronics Ltd]
Direct Link  https://www.pickeringrelay.com/
Logo PICKERING - Copyright Pickering Electronics Ltd

116-2-A-5/2D Datasheet(HTML) 4 Page - Copyright Pickering Electronics Ltd

  116-2-A-5/2D Datasheet HTML 1Page - Copyright Pickering Electronics Ltd 116-2-A-5/2D Datasheet HTML 2Page - Copyright Pickering Electronics Ltd 116-2-A-5/2D Datasheet HTML 3Page - Copyright Pickering Electronics Ltd 116-2-A-5/2D Datasheet HTML 4Page - Copyright Pickering Electronics Ltd 116-2-A-5/2D Datasheet HTML 5Page - Copyright Pickering Electronics Ltd 116-2-A-5/2D Datasheet HTML 6Page - Copyright Pickering Electronics Ltd 116-2-A-5/2D Datasheet HTML 7Page - Copyright Pickering Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Single-in-Line SIL/SIP Reed Relays – Series 116
pickering
relay.com
Specification
0.145 (3.70)
0.15 (3.81) Max
Pin 1
0.125
(3.2)
0.39 (9.90)
0.40 (10.16) Max
0.06 (1.52)
Pin spacing
(x3)
0.02
(0.5)
0.01
(0.25)
0.06
(1.52)
0.07
(1.78)
Important note: The spacing
between pins 4 & 5 is greater
than between the other pins.
0.145 (3.70)
0.15 (3.81) Max
Pin 1
0.125
(3.2)
0.49 (12.45)
0.495 (12.6) Max
0.26 (6.60)
0.27 (6.86) Max
0.06 (1.52)
Pin spacing
0.015
(0.38)
Wide
0.02
(0.5)
0.01
(0.25)
Pin 3 is a round pin with an
outer diameter of 0.0175 (0.44)
0.015
(0.38)
Wide
Pins 4 & 5 are round pins with an
outer diameter of 0.0175 (0.44)
0.49 (12.45)
0.495 (12.6) Max
1 Form A
2 Form A
1
2
3
4
+
5
6
1
2
3
4
+
1
Package Type
Weight: Typical 0.53 g
2
Package Type
Weight: Typical 0.76 g
Pin Configuration, Weights and Dimensional Data (dimensions in inches, millimeters in brackets)
Important: Where the optional internal diode is fitted the correct coil polarity must be observed, as shown by the + symbol
on the schematics.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com