Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

00580 Datasheet(PDF) 1 Page - Wiha Tools

Part # 00580
Description  Screwdriver with interchangeable blade set SYSTEM 4 ESD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

00580 Datasheet(HTML) 1 Page - Wiha Tools

  00580 Datasheet HTML 1Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
193
Screwdriver with interchangeable blade set SYSTEM 4 ESD
assorted 11-pcs.
2691 T11 ESD
Order-No.
31499
5
Screwdriver handle SoftFinish®-telescopic ESD for SYSTEM 4
interchangeable blade
1,5 - 3,0  / 2,0 - 3,5  / 2,5 - 4,0
PH000 - PH00  / PH0 - PH1
T6 - T8  / T7 - T9
1,5 - 1,5•  / 2 - 2•  / 2,5 - 2,5•
Screwdriver handle SoftFinish®-telescopic
for SYSTEM 4 interchangeable blade
2691
Order-No.
30373
4,0
105
23
10
Screwdriver handle SoftFinish®-telescopic ESD
for SYSTEM 4 interchangeable blade
2691ESD
Order-No.
31498
4,0
105
23
10
IEC 61340-5-1.
Interchangeable blade SYSTEM 4
Slotted
269
Order-No.
00576
1,5
3,0
0,25
0.5
120
4,0
5
00577
2,0
3,5
0,4
0.6
120
4,0
5
00578
2,5
4,0
0,4
0.8
120
4,0
5
Slotted/ Phillips
269
Order-No.
00601
2,0
PH00
0,4
120
4,0
5
00602
3,0
PH0
0,5
120
4,0
5
00603
4,0
PH1
0,8
120
4,0
5
Phillips
269
Order-No.
00579
PH000 PH00
120
4.0
5
00580
PH0
PH1
120
4.0
5
Pozidriv
269
Order-No.
03186
PZ0
PZ1
120
4.0
5
TORX®
269
Order-No.
26122
T1
T2
120
4.0
5
26123
T3
T4
120
4.0
5
26124
T5
T6
120
4.0
5
00597
T6
T8
120
4.0
5
00598
T7
T9
120
4.0
5
00599
T10
T15
120
4.0
5
00600
T15
T20
120
4.0
5
Ball end hex
269
Order-No.
00582
1,3•
1,3
120
4.0
5
00583
1,5•
1,5
120
4.0
5
00584
2•
2
120
4.0
5
00585
2,5•
2,5
120
4.0
5
00586
3•
3
120
4.0
5
00587
4•
4
120
4.0
5
• With ball end
• With ball end


Similar Part No. - 00580

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
00580 WIHA-00580 Datasheet
157Kb / 1P
Screwdriver with interchangeable blade set SYSTEM 4 assorted 11-pcs.
00580 WIHA-00580 Datasheet
437Kb / 1P
SYSTEM 4 ESD Reversible Blades Set, 11 pcs. Slotted/ Phillips/ TORX®/ Hex/ Ball End Hex.
logo
Lapp.
0058000 LAPP-0058000 Datasheet
211Kb / 7P
ÖLFLEX® HEAT 180 SiF
10.02.2018
0058001 LAPP-0058001 Datasheet
211Kb / 7P
ÖLFLEX® HEAT 180 SiF
10.02.2018
0058002 LAPP-0058002 Datasheet
211Kb / 7P
ÖLFLEX® HEAT 180 SiF
10.02.2018
More results

Similar Description - 00580

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE310-KIT PASTERNACK-PE310-KIT Datasheet
80Kb / 1P
VNA Test Cable Set with Interchangeable Connector Head
logo
List of Unclassifed Man...
99820 ETC2-99820 Datasheet
43Kb / 1P
Xcelite No. 0 x 4" Series 99짰 Interchangeable Phillips Screwdriver Blade
logo
NEC
10U NEC-10U Datasheet
597Kb / 2P
Blade System Enclosures
logo
CUI INC
SMI-CN-2 CUI-SMI-CN-2 Datasheet
280Kb / 2P
China interchangeable blade
SMI-UK-2 CUI-SMI-UK-2 Datasheet
303Kb / 2P
United Kingdom interchangeable blade
logo
PHOENIX CONTACT
1208542 PHOENIX-1208542 Datasheet
45Kb / 1P
Battery-powered screwdriver set - ASD 21 SET 12OV
1212530 PHOENIX-1212530 Datasheet
54Kb / 3P
Battery-powered screwdriver set - SF-ASD 21 SET 230V
logo
SparkFun Electronics
TOL-14190 SPARKFUN-TOL-14190 Datasheet
88Kb / 1P
Chapman Pocket Screwdriver Set
6??3??7
TOL-15003 SPARKFUN-TOL-15003 Datasheet
93Kb / 2P
Magnetic Screwdriver Set (20 Piece)
12??0??8
TOL-15548 SPARKFUN-TOL-15548 Datasheet
140Kb / 2P
Electric Hobby Screwdriver Set
9??4??9
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com