Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10472000 Datasheet(PDF) 2 Page - Lapp.

Part # 10472000
Description  3.1 EPIC® DA-VINCI H-A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

10472000 Datasheet(HTML) 2 Page - Lapp.

  10472000 Datasheet HTML 1Page - Lapp. 10472000 Datasheet HTML 2Page - Lapp. 10472000 Datasheet HTML 3Page - Lapp. 10472000 Datasheet HTML 4Page - Lapp. 10472000 Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
168
3
Technische Daten:
Vorschriften: DIN 43652
Schutzart: IP 65 (H-A 3 / 10 / 16 / 32 / 48)
Werkstoff:
H-A 3: Zinkdruckguss, pulverbeschichtet / Thermoplast, Brandverhalten nach UL 94 V-0, max. Umgebungstemperatur +65 ˚C
H-A 10 – 48: Aluminiumlegierung, pulverbeschichtet
Technical Data:
Specifications: DIN 43652
Protection class: IP 65 ( H-A 3 / 10 / 16 / 32 / 48)
Material:
H-A 3: Die cast zinc, powder coated / Thermoplast, flame retardent material rated UL 94 V-0, max. ambient air temperature +65 ˚C
H-A 10 – 48: aluminium alloy, powder coated
Caractéristiques techniques:
Réglements: DIN 43652
Degré de protection: IP 65 (H-A 3 / 10 / 16 / 32 / 48)
Matière:
H-A 3: Zinc moulé par injection, recouvert par pulvérisation / plastique thermoformé, résistance au feu suivant UL 94 V-0,
max. température de l’air ambiant +65 ˚C
H-A 10 – 48: Alliage aluminium, recouvert par pulvérisation
3.1 EPIC
®
DA-VINCI
H-A
Gehäuse / Housing / Boîtiers



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com