Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT LED PRO Datasheet(PDF) 2 Page - OSRAM GmbH

Part # KIT LED PRO
Description  KIT LED PRO ROUND 1x5 W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KIT LED PRO Datasheet(HTML) 2 Page - OSRAM GmbH

  KIT LED PRO Datasheet HTML 1Page - OSRAM GmbH KIT LED PRO Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
product details
KIT LED PRO ROUND 1x5 W
Packaging units
EAN
Packaging type and content
Dimensions in h x w x l
Gross weight
Volume
4008321398789
Folding carton box contains 1 Piece
114,000 mm x 112,000 mm x 145,000 mm
291,000 g (260,000 g)
1,851 Cubic
dec.
4008321398796
Shipping carton box contains 6 Piece
139,000 mm x 242,000 mm x 307,000 mm
1,884 kg (1,560 kg)
10,327 Cubic
dec.
KIT LED PRO
KIT LED PRO is a set that is ready for installation and consists of a downlight with connecting terminal and a PARATHOM PAR 16 LED in two different versions
(square/round). It is ideal for constant economical lighting in retail outlets, hotels and restaurants.
• Die-cast aluminum casing in two versions: square and round
• Luminaire color: brushed nickel look
• Simple installation and maintenance thanks to the Twist&Lock interlock for the lamp
• Lamp swivels through 40°
• Operating temperature 15 °C to +40 °C
• Mounting diameter 80 mm
• Direct connection to 230 V
• Equipped with PARATHOM PAR 16 4.5 W LED
• Average life 35,000 hours
• Color temperature warm white (3000 K)
• Beam angle 30°
• Not dimmable
• CE Sign Protection class 2 sign F Sign IP 23, Glow wire test at 850 °C, IK02, Light color 830, 220-240 V, 50-60 Hz, GU10 base
31.08.2010
Subject to change without notice. Errors and omission excepted.
© 2010 OSRAM GmbH
Page 2 from 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com