Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIT LED PRO Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KIT LED PRO
Description  KIT LED PRO CARRÉ 1x5 W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KIT LED PRO Datasheet(HTML) 1 Page - OSRAM GmbH

  KIT LED PRO Datasheet HTML 1Page - OSRAM GmbH KIT LED PRO Datasheet HTML 2Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
product details
KIT LED PRO CARRÉ 1x5 W
Product description:
KIT LED PRO CARRÉ 1x5 W
EAN/ Product:
4008321399021
Quantity:
Folding carton box (FS) contains 1 Piece (PCE)
You can find this product in the eCatalog:
http://catalog.myosram.com?~language=EN&~country=COM&it_p=4008321399021
Applications
Holder designation
GU10
Protection class IK (shock resistance)
IK02
Protection class
II
Adjustable
Yes
Type of connection
FIXED CONNECTION (TERMINAL)
IP code
IP23
Protection against ignition and fire
F
General Description
Equipment
UNKNOWN
Body material
ALU-DIECAST
Recycling
Yes
Number of lighting outlets
1
Equipped with lamp
Yes
Standards
CE
Technical - Colors
Color of the luminaire
BRUSHED NICKEL
Technical - Electrical Data
Nominal current
22.00 M A
Operating mode
NOT RELEVANT
Nominal wattage
5 W
Nominal voltage
230 V
Mains frequency
50-60 Hz
Technical - Geometries
Length
90 mm
Mounting diameter
80 mm
Width
90 mm
Mounting depth
≥ 150 mm
Height
90 mm
Technical - Light Technical Data
Color temperature
3000 K
Beam angle
20 °
Luminous intensity
375 cd
Technical - Temperatures
Glow Wire Test according to IEC 695-2-1
960 °C
31.08.2010
Subject to change without notice. Errors and omission excepted.
© 2010 OSRAM GmbH
Page 1 from 2


Similar Part No. - KIT LED PRO

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KIT LED PRO OSRAM-KIT LED PRO Datasheet
156Kb / 2P
KIT LED PRO ROUND 1x5 W
31.08.2010
More results

Similar Description - KIT LED PRO

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1194 MARKTECH-MT1194 Datasheet
136Kb / 2P
1X5 RECTANGULAR LED LAMPS
logo
Sanken electric
SEL1024 SANKEN-SEL1024 Datasheet
28Kb / 1P
1x5 Rectangular LED
logo
List of Unclassifed Man...
PA4942 ETC2-PA4942 Datasheet
149Kb / 1P
GripPack SurePunch Pro Installers Kit
logo
Energizer
HDL33A2E ENERGIZER-HDL33A2E Datasheet
574Kb / 1P
Pro 6 LED Headlight
logo
Intel Corporation
NUC9I9QNX INTEL-NUC9I9QNX Datasheet
2Mb / 69P
Intel NUC 9 Extreme/Pro Kit
logo
Microchip Technology
WLR089 MICROCHIP-WLR089 Datasheet
330Kb / 2P
XPLAINED PRO EVALUATION KIT
8/20
logo
SparkFun Electronics
KIT-15349 SPARKFUN-KIT-15349 Datasheet
208Kb / 2P
SparkFun Qwiic Pro Kit
11??2??9
logo
IOGEAR
GPLHDPROK IOGEAR-GPLHDPROK Datasheet
158Kb / 2P
Video Over Powerline PRO Kit for 2 TVs
GPLHDPROK3 IOGEAR-GPLHDPROK3 Datasheet
162Kb / 2P
Video Over Powerline PRO Kit for 4 TVs
logo
List of Unclassifed Man...
TNP800 ETC-TNP800 Datasheet
220Kb / 2P
Net Prowler™ Deluxe PRO Test Kit
6/1/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com