Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HALPROKITSWT35 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # HALPROKITSWT35
Description  Kit Halo Pro
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

HALPROKITSWT35 Datasheet(HTML) 3 Page - OSRAM GmbH

  HALPROKITSWT35 Datasheet HTML 1Page - OSRAM GmbH HALPROKITSWT35 Datasheet HTML 2Page - OSRAM GmbH HALPROKITSWT35 Datasheet HTML 3Page - OSRAM GmbH HALPROKITSWT35 Datasheet HTML 4Page - OSRAM GmbH HALPROKITSWT35 Datasheet HTML 5Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Kit Halo Pro
LUM – Technical Information
Kit Halo Pro
Status as of 06.08.2009
Subject to modification
Page 3 / 5
Product name
Protection class
III
Type of protection (IP
code)
IP23
Protection against ignition
and fire
F
Glow Wire Test according
to IEC 695-2-1 (> 650°C)
960 °C
Shock resistance (IK code)
IK02
Approval marks
CE – SEMCO - EMC
Photometric Classification
DIN 5040
See “Optical features”
2) Electrical Installation
Product name
Nominal wattage [W]
35
105
35
105
35
105
35
105
Mains voltage [V]
220 to 240
Rated current [A]
0,24
0,24
0,24
0,24
Mains frequency [Hz]
50 / 60
Type of connector
2 screws binders connector



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com