Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

66725 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # 66725
Description  HALOPIN COMPACT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

66725 Datasheet(HTML) 3 Page - OSRAM GmbH

  66725 Datasheet HTML 1Page - OSRAM GmbH 66725 Datasheet HTML 2Page - OSRAM GmbH 66725 Datasheet HTML 3Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Technical Information
The smallest mains voltage halogen lamp of OSRAM
HALOPIN COMPACT
HAL M-M, Edition 03/03
3/3
Subject to alteration
Temperature behaviour:
Pinch
Pin
Mechanical spring
Burning position
Free burning, vertical
Max. Temperature permit-
ted
370°C*
250°C
350°C
Operating temperatures
66725
180°C
130°C
180°C
66740
210°C
150°C
210°C
* Special foils in the pinch allow higher temperatures than IEC 60357
Measurement conditions:
Measurement in the most unfavourable burning position for the pinch and the pins.
Surrounding temperature: 25° (acc to DIN 5032)
Voltage: 230V
Lamp holder: BJB 25.830.100.00
!
Operating temperatures for free burning use are not obliging and are useful only for
orientation.
Operating conditions:
Burning position
Any
Areas of application
The correct function for exterior use can’t be guaranteed
Dimmability
100%
Safety distance
!
According to IEC 60598-1 "minimum safety distance" the max. temperature permitted on the
illuminated area is 90°C. This max. temperature has to be ensured by the minimum distance.
This distance has to be determined through the luminaire manufacturer by appropriate meas-
urements.
When placing the lamp into the holder ensure not to touch the bulb with bare hands.
Environmental sensi-
tivity:
HALOPIN can be disposed of as houshold waste.
Validity:
These technical information sheets (TI-sheets) are updated in irregular intervals. The user is
responsible to ensure that the information they have is up to date and still valid. Once a new TI-
sheet has been issued, former editions are to be seen as invalid and disposed of.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com