Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM01E-T2 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # CM01E-T2
Description  COINlight®
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

CM01E-T2 Datasheet(HTML) 1 Page - OSRAM GmbH

  CM01E-T2 Datasheet HTML 1Page - OSRAM GmbH CM01E-T2 Datasheet HTML 2Page - OSRAM GmbH CM01E-T2 Datasheet HTML 3Page - OSRAM GmbH CM01E-T2 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CM01E
COINlight®
Data Sheet
Picture for
Datasheet
is missing
!!!
Benefits
Low profile
Wide viewing angle
Easy installation
Available in various colors
Applications
Border marker
In-ground mounted luminaires
Small signals
Color
Voltage
[V DC]*
Power
[W]*
Radiance
Angle [°]*
Wavelength [nm]
Color Temp [K]*
Lum. Flux
[lm]*
Current
[A]*
Product
Number of
LEDs
Technical Operating Data
white
24
1,2
120
5400 K
16
0,05
CM01E-W2-854
9
red
24
1,0
120
617 nm
11
0,04
CM01E-A1
9
yellow
24
1,0
120
587 nm
7
0,04
CM01E-Y1
9
green
24
1,2
120
525 nm
16
0,05
CM01E-T2
9
blue
24
1,2
120
470 nm
1
0,05
CM01E-B1
9
All Data are related to the entire module
Due to the special conditions of the manufacturing processes of LED the typical data of technical parameters can only reflect statistical figures and do not necessarily
correspond to the actual parameters of each single product which could differ from the typical data.
*)
Technical Features
Circular LED spot with 9 LED
Diameter of the module: Ø 33 mm
Very low profile (< 7mm)
Light emission vertical to the mounting surface
Viewing angle 120° per LED
Connection with screw terminals
Only parallel connection allowed
Dimmable by pulse width modulation (PWM)
with the electronic controller OT DIM
Diverse OPTOTRONIC® controllgear with
1..10V, DALI, DMX or EASY protocoll available
Modules optimized for use with OSRAM
OPTOTRONIC® power supplies.
Page 1 of 4
CM01E - 01.06.2007


Similar Part No. - CM01E-T2

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM01-8DPRA-4S-CF(01) DDK-CM01-8DPRA-4S-CF(01) Datasheet
751Kb / 5P
M12 Sized & Sealed Circular Connector
CM01-8DPRA-4S-CF01 DDK-CM01-8DPRA-4S-CF01 Datasheet
311Kb / 5P
M12 Sized & Sealed Circular Connector
CM01-8DPRA-4SD-CF(01) DDK-CM01-8DPRA-4SD-CF(01) Datasheet
751Kb / 5P
M12 Sized & Sealed Circular Connector
CM01-8DPRA-4SD-CF01 DDK-CM01-8DPRA-4SD-CF01 Datasheet
311Kb / 5P
M12 Sized & Sealed Circular Connector
CM01-8DRA-4P-CF(01) DDK-CM01-8DRA-4P-CF(01) Datasheet
751Kb / 5P
M12 Sized & Sealed Circular Connector
More results

Similar Description - CM01E-T2

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M480 NUVOTON-M480_V02 Datasheet
12Mb / 525P
NuMicro® Family Arm® 32-bit Cortex®-M4 Microcontroller
Rev 3.03
logo
Advantech Co., Ltd.
SOM-7532 ADVANTECH-SOM-7532 Datasheet
468Kb / 2P
Intel® Pentium®/Celeron® and Atom® x6000 Series Processors (Code Name: Elkhart Lake) COM Express® Mini Type10
19-Aug-2022
logo
Nuvoton Technology Corp...
M254 NUVOTON-M254 Datasheet
8Mb / 256P
NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev 1.01 / Nov. 12, 2021
logo
Advantech Co., Ltd.
SKY-TESL-A100-80P ADVANTECH-SKY-TESL-A100-80P Datasheet
205Kb / 1P
NVIDIA® Tesla® A100 80GB
13-Sep-2022
SKY-TESL-A40-48P ADVANTECH-SKY-TESL-A40-48P Datasheet
202Kb / 1P
NVIDIA® Tesla® A40
19-Sep-2022
SKY-TESL-H100 ADVANTECH-SKY-TESL-H100 Datasheet
157Kb / 1P
NVIDIA® Tesla® H100
26-Oct-2022
logo
BCM Advanced Research.
ECM-APL BCM-ECM-APL Datasheet
594Kb / 2P
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
EPX-EHLP BCM-EPX-EHLP Datasheet
122Kb / 2P
Intel® Pentium®/Celeron® Elkhart Lake Pico-ITX Motherboard
2021/08/22
logo
AAEON Technology
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com