Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM6T100A Datasheet(PDF) 1 Page - STMicroelectronics

Part # SM6T100A
Description  TRANSILTM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T100A Datasheet(HTML) 1 Page - STMicroelectronics

  SM6T100A Datasheet HTML 1Page - STMicroelectronics SM6T100A Datasheet HTML 2Page - STMicroelectronics SM6T100A Datasheet HTML 3Page - STMicroelectronics SM6T100A Datasheet HTML 4Page - STMicroelectronics SM6T100A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
SM6T6V8A/220A
SM6T6V8CA/220CA
TRANSIL
TM
®
s
PEAK PULSE POWER : 600 W (10/1000
µs)
s
BREAKDOWN VOLTAGE RANGE :
From 6.8V to 220 V.
s
UNI AND BIDIRECTIONAL TYPES
s
LOW CLAMPING FACTOR
s
FAST RESPONSE TIME
s
UL RECOGNIZED
FEATURES
SMB
(JEDEC D0-214AA)
Symbol
Parameter
Value
Unit
PPP
Peak pulse power dissipation (see note 1)
Tj initial = Tamb
600
W
P
Power dissipation on infinite heatsink
Tamb = 50°C
5W
IFSM
Non repetitive surge peak forward
current for unidirectional types
tp = 10ms
Tj initial = Tamb
100
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
-65to+175
150
°C
°C
TL
Maximum lead temperature for soldering during 10 s.
260
°C
Note 1 : For a surge greater than the maximum values, the diode will fail in short-circuit.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25°C)
DESCRIPTION
Transil diodes provide high overvoltage protection
by clamping action. Their instantaneous response
to transient overvoltages makes them particu-
larly suited to protect voltage sensitive devices
such as MOS Technology and low voltage sup-
plied IC’s.
August 2001- Ed: 5A
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to leads
20
°C/W
Rth (j-a)
Junction to ambient on printed circuit on recommended pad
layout
100
°C/W
THERMAL RESISTANCES


Similar Part No. - SM6T100A

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SM6T100A GE-SM6T100A Datasheet
55Kb / 3P
TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM6T100A VISHAY-SM6T100A Datasheet
36Kb / 3P
Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
logo
STMicroelectronics
SM6T100A STMICROELECTRONICS-SM6T100A Datasheet
156Kb / 9P
TransilTM
26-Mar-2008
logo
Vishay Siliconix
SM6T100A VISHAY-SM6T100A Datasheet
111Kb / 5P
Surface Mount TRANSZORB® Transient Voltage Suppressors
21-Oct-08
logo
MDE Semiconductor, Inc.
SM6T100A MDE-SM6T100A Datasheet
86Kb / 3P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SM6T100A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5908 STMICROELECTRONICS-1N5908 Datasheet
71Kb / 6P
TRANSILTM
Aug-1999
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
TRANSILTM
Jan-1998
SM15T6V8A STMICROELECTRONICS-SM15T6V8A Datasheet
189Kb / 5P
TRANSILTM
Sep-2001
SMAJ50A-TR STMICROELECTRONICS-SMAJ50A-TR Datasheet
90Kb / 5P
TRANSILTM
Sep-1998
SMAJ50A STMICROELECTRONICS-SMAJ50A Datasheet
90Kb / 5P
TRANSILTM
Sep-1998
SMBJ50A-TR STMICROELECTRONICS-SMBJ50A-TR Datasheet
82Kb / 6P
TRANSILTM
Jan-1998
SMBJ50A STMICROELECTRONICS-SMBJ50A Datasheet
158Kb / 6P
TRANSILTM
Oct-2001
BZW50-10 STMICROELECTRONICS-BZW50-10_03 Datasheet
173Kb / 5P
TRANSILTM
Feb-2003
SM6T STMICROELECTRONICS-SM6T Datasheet
156Kb / 9P
TransilTM
26-Mar-2008
SM15T STMICROELECTRONICS-SM15T Datasheet
125Kb / 9P
TransilTM
19-Feb-2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com