Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28533 Datasheet(PDF) 8 Page - Wiha Tools

Part # 28533
Description  PROFESSIONAL TORQUE CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28533 Datasheet(HTML) 8 Page - Wiha Tools

Back Button 28533 Datasheet HTML 4Page - Wiha Tools 28533 Datasheet HTML 5Page - Wiha Tools 28533 Datasheet HTML 6Page - Wiha Tools 28533 Datasheet HTML 7Page - Wiha Tools 28533 Datasheet HTML 8Page - Wiha Tools 28533 Datasheet HTML 9Page - Wiha Tools 28533 Datasheet HTML 10Page - Wiha Tools 28533 Datasheet HTML 11Page - Wiha Tools 28533 Datasheet HTML 12Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
Wiha TorqueControl Adjustable iTorque
52 Pc. Set
52 Piece iTorque Bit Set, In Metal
Storage Box Certified to EN ISO 6789,
BS EN 26789, ASME B107.14M. Set includes
ergonomic multi-component adjustable iTorque
handle 60-210 in/oz. 40-150 Ncm, 50 insert
bits & 1/4” bit holder.
Item
Slotted: 4.5, 5.5, 6.5, 8.0mm
No.
Phillips: #0, #1, #2, #3
28891
: T6, T7, T8, T9, T10, T15,
T20, T25, T27, T3
lbs.
Hex Inch: 1/16, 5/64, 3/32, 7/64, 1/8,
2.56
9/64, 5/32, 3/16”
Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0,
5.0, 6.0, 8.0mm
Pozidriv: #0, #1, #2, #3
Torq Set: #4, #5, #6, #8
Square: #1, #2, #3
Triwing: #0, #1, #2, #3, #4
iTorque Handle Range 60 - 210 Inch/oz.
28581 - 1/4” Bit Holder
28891
With Certificate
of Calibration
With Certificate
of Calibration
With Certificate
of Calibration
Quick
Adjusting
Push Button Start
Push Button Conversion
Digital
Display
Fast
Conversion
Nm
to In/lbs.
• Metric (Nm) & Inch (In-lbs / oz)
• Built in click counter
• Auto shut off
• Fast adjusting
• Cycle Counter
• Accurate +/- 6%
iTorque Screwdrivers
Interchangeable
blades or bits
With Certificate of
Calibration Included
Digital Torque
Control
iTorque Screwdriver Handles
EN ISO 6789, BS EN 26789,
ASME B107.14M. Handle reads Nm & Inch/
lbs. with built in click counter. Fast adjusting.
Accurate +/- 6% Each iTorque handle includes
a 4mm bit holder.
pkg. 1
288
Item
Adjustable
No.
Maximum Torque
mm Inch
28886
60-210(in/oz.) 40-150(Ncm) 134 5.3
28887
7-26 in/lbs. 0.8-3.0 Nm 134 5.3
28889
9-45 in/lbs. 1.0-6.0 Nm 134 5.3
* Calibration Certificates Included
4mm bit holder included
52 Piece iTorque Bit Set, In Metal
Storage Box Certified to EN ISO 6789,
BS EN 26789, ASME B107.14M. Set includes
ergonomic multi-component adjustable iTorque
handle 7-26 in/lbs. 0.8-3.0 Nm, 50 insert
bits & 1/4” bit holder.
Item
Slotted: 4.5, 5.5, 6.5, 8.0mm
No.
Phillips: #0, #1, #2, #3
28892
: T6, T7, T8, T9, T10, T15,
T20, T25, T27, T3
lbs.
Hex Inch: 1/16, 5/64, 3/32, 7/64, 1/8,
2.57
9/64, 5/32, 3/16”
Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0,
5.0, 6.0, 8.0mm
Pozidriv: #0, #1, #2, #3
Torq Set: #4, #5, #6, #8
Square: #1, #2, #3
Triwing: #0, #1, #2, #3, #4
iTorque Handle Range 7 - 26 Inch/lbs.
28581 - 1/4” Bit Holder
28892
52 Piece iTorque Bit Set, In Metal
Storage Box Certified to EN ISO 6789,
BS EN 26789, ASME B107.14M. Set includes
ergonomic multi-component adjustable iTorque
handle 9-50 in/lbs. 1.0-6.0 Nm, 50 insert
bits & 1/4” bit holder.
Item
Slotted: 4.5, 5.5, 6.5, 8.0mm
No.
Phillips: #0, #1, #2, #3
28896
: T6, T7, T8, T9, T10, T15,
T20, T25, T27, T3
lbs.
Hex Inch: 1/16, 5/64, 3/32, 7/64, 1/8,
2.61
9/64, 5/32, 3/16”
Hex Metric: 1.5, 2.0, 2.5, 3.0, 4.0,
5.0, 6.0, 8.0mm
Pozidriv: #0, #1, #2, #3
Torq Set: #4, #5, #6, #8
Square: #1, #2, #3
Triwing: #0, #1, #2, #3, #4
iTorque Handle Range 9 - 45 Inch/lbs.
28581 - 1/4” Bit Holder
28896
52 Pc. Set
52 Pc. Set
Toll Free: (800) 494-6104
lbs.
.44
.44
.44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com