Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28612 Datasheet(PDF) 6 Page - Wiha Tools

Part # 28612
Description  PROFESSIONAL TORQUE CONTROL
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

28612 Datasheet(HTML) 6 Page - Wiha Tools

Back Button 28612 Datasheet HTML 2Page - Wiha Tools 28612 Datasheet HTML 3Page - Wiha Tools 28612 Datasheet HTML 4Page - Wiha Tools 28612 Datasheet HTML 5Page - Wiha Tools 28612 Datasheet HTML 6Page - Wiha Tools 28612 Datasheet HTML 7Page - Wiha Tools 28612 Datasheet HTML 8Page - Wiha Tools 28612 Datasheet HTML 9Page - Wiha Tools 28612 Datasheet HTML 10Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Item
Max.
No.
mm Inch mm lbs. Nm pkg.
28534
1.5 .059 175 .07 0.15
1
28535
2.0 .078 175 .07 0.4
1
28536
2.5 .098 175 .07 0.4
1
28537
3.0 .118 175 .07 0.6
1
28538
3.5 .139 175 .07 1.1
1
28539
4.0 .157 175 .07 2.5
1
Slotted Interchangeable Blades For
TorqueFix & TorqueVario Slotted tip blades
on narrow 5/32 Hex shafts. High alloy chrome-
vanadium-molybdenum steel, hardened, satin
hard chrome finish.
285
Phillips Interchangeable Blades For
TorqueFix & TorqueVario Phillips tip blades
on narrow 5/32 Hex shafts. High alloy chrome-
vanadium-molybdenum steel, hardened, satin
hard chrome finish.
285
Item
Max.
No.
Size mm mm lbs. Nm pkg.
28540
000 175 4.0 .07 0.4
1
28541
00
175 4.0 .07 0.4
1
28542
0
175 4.0 .07 0.9
1
28543
1
175 4.0 .07 3.8
1
28544
2
175 4.0 .07 5.5
1
Interchangeable Blades For
TorqueFix & TorqueVario
tip blades
on narrow 5/32 Hex shafts. High alloy CVM
steel, hardened, satin hard chrome finish.
285
Item
Max.
No.
Size mm mm lbs. Nm pkg.
28561
T5
175 4.0 .07 0.4
1
28562
T6
175 4.0 .07 0.6
1
28563
T7
175 4.0 .07 0.9
1
28564
T8
175 4.0 .07 1.3
1
28565
T9
175 4.0 .07 2.5
1
28566
T10 175 4.0 .07 3.8
1
28567
T15 175 4.0 .07 5.5
1
28568
T20 175 4.0 .07 8.0
1
28569
T25 175 4.0 .07 8.0
1
MagicSpring
Interchangeable
Blades For TorqueFix & TorqueVario blades
on narrow 5/32 Hex shafts. High alloy CVM
steel, hardened, satin hard chrome finish.
285
Item
Max.
No.
Size mm mm lbs. Nm pkg.
28512
T6
175 4.0 .07 0.6
1
28527
T7
175 4.0 .07 0.9
1
28528
T8
175 4.0 .07 1.3
1
28529
T9
175 4.0 .07 2.5
1
28530
T10 175 4.0 .07 3.8
1
28531
T15 175 4.0 .07 5.5
1
28532
T20 175 4.0 .07 8.0
1
28533
T25 175 4.0 .07 8.0
1
MagicSpring
Interchangeable Blades For TorqueFix
& TorqueVario blades on narrow 5/32 Hex
shafts. High alloy CVM steel, hardened, satin
hard chrome finish.
Item
Max.
No.
Size mm mm lbs. Nm pkg.
28611
IP6
175 4.0 .07
0.8
1
28612
IP7
175 4.0 .07
1.3
1
28613
IP8
175 4.0 .07
2.0
1
28614
IP9
175 4.0 .07
3.0
1
28616
IP10 175 4.0 .07
4.5
1
28617
IP15 175 4.0 .07
6.6
1
28618
IP20 175 4.0 .07
8.0
1
28619
IP25 175 4.0 .07
8.0
1
Blades For TorqueFix
& TorqueVario
tip blades on
narrow 5/32 Hex shafts. High alloy CVM steel,
hardened, satin hard chrome finish.
285
Item
Max.
No.
Size mm mm lbs. Nm pkg.
28571
IP5
175 4.0 .07
0.5
1
28572
IP6
175 4.0 .07
0.8
1
28573
IP7
175 4.0 .07
1.3
1
28574
IP8
175 4.0 .07
2.0
1
28575
IP9
175 4.0 .07
3.0
1
28576
IP10 175 4.0 .07
4.5
1
28577
IP15 175 4.0 .07
6.6
1
28578
IP20 175 4.0 .07
8.0
1
28579
IP25 175 4.0 .07
8.0
1
Hex Metric Interchangeable Blades
For TorqueFix & TorqueVario Hex tip
blades on narrow 5/32 Hex shafts. High alloy
CVM steel, hardened, satin hard chrome finish.
285
Item
Max.
No.
mm
mm
lbs.
Nm pkg.
28545
1.5
175
.07
0.9
1
28546
2.0
175
.07
1.8
1
28547
2.5
175
.07
3.8
1
28548
3.0
175
.07
5.5
1
28549
4.0
175
.07
8.0
1
Hex Inch Interchangeable Blades For
TorqueFix & TorqueVario Hex tip blades on
narrow 5/32 Hex shafts. High alloy CVM steel,
hardened, satin hard chrome finish.
285
Item
Max.
No.
Inch
mm
lbs.
Nm pkg.
28555
.050
175
.07
.4
1
28556
1/16
175
.07
.9
1
28557
5/64
175
.07
1.8
1
28558
3/32
175
.07
1.8
1
28559
7/64
175
.07
3.8
1
28560
1/8
175
.07
5.5
1
28587
9/64
175
.07
8.0
1
28588
5/32
175
.07
8.0
1
Wiha TorqueControl Blades - For Easy Torque, TorqueFix & TorqueVario Handles
*None of the blades featured on this page will
function in a TorqueVario Insulated Handle
Screw
Holding
286
Screw
Holding
ESD Safe Bit Holder Adapter
For 1/4” Drive Bits
Shaft CVM steel, hardened, corrosion
protected. (Not for use in Insulated handles)
Item
No.
Size mm
mm lbs. pkg.
28882
1/4
162
4.0
.09 1
28882
Wiha TorqueControl
Adapters
Toll Free: (800) 494-6104



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com