Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

35801 Datasheet(PDF) 15 Page - Wiha Tools

Part # 35801
Description  PROFESSIONAL SCREWDRIVERS & NUT DRIVERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

35801 Datasheet(HTML) 15 Page - Wiha Tools

Back Button 35801 Datasheet HTML 11Page - Wiha Tools 35801 Datasheet HTML 12Page - Wiha Tools 35801 Datasheet HTML 13Page - Wiha Tools 35801 Datasheet HTML 14Page - Wiha Tools 35801 Datasheet HTML 15Page - Wiha Tools 35801 Datasheet HTML 16Page - Wiha Tools 35801 Datasheet HTML 17Page - Wiha Tools 35801 Datasheet HTML 18Page - Wiha Tools 35801 Datasheet HTML 19Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
15
www.wihatools.com
NOTES:
6 Pc. Slotted/Phillips 3K Driver Set
Item
Slotted:
No.
3.0, 4.5, 5.5, 6.5mm
lbs.
46094
Phillips: #1, 2
.91
46094
8 Pc. Slotted/Phillips 3K Driver Set
Item
Slotted:
No.
3.0, 4.5, 6.0, 8.0mm
lbs.
46097
Phillips: #1, 2, 3
1.70
Stubby Phillips: #2
46097
Item
No.
Size
mm
Inch
mm
Inch
lbs.
pkg.
45205
0
60
2.4
146
5.7
.06
10
45207
0
100
3.9
186
7.3
.07
10
45220
1
100
3.9
207
8.1
.14
10
45225
2
100
3.9
219
8.6
.21
10
45230
2
150
5.9
269
10.6
.23
10
45235
3
150
5.9
269
10.6
.31
10
Pozidriv® Screwdriver, With Wiha-3K Series Handle
Blade CVM steel, hard chromed shaft. Wiha-3k Ergo handle, cushion grip. Black tip.
452
Item
No.
mm mm Inch mm Inch lbs.
45135
0
60
2.4
145 5.7
.06
45140
1
200 8.0
307 12.0 .16
45142
2
100 3.9
218 8.5
.21
45147
2
200 8.0
318 12.5 .25
45150* 2
40
1.6
90
3.5
.08
45152
3
150 5.9
268 10.5 .31
Slotted Screwdriver, With Wiha-3K Series Handle Blade chrome-vanadium-molybdenum
steel, chrome nickel-plated. Wiha-3k Ergo handle, cushion grip. Precision black tips.
Item
No.
mm
Inch
mm
Inch
mm Inch
mm
Inch
lbs.
Pkg.
45040**
2.5
.10
75
3.0
0.4
.02
161
6.3
.06
10
45050**
3.0
.12
100
3.9
0.5
.02
185
7.3
.07
10
45052**
3.5
.14
100
3.9
0.6
.02
197
7.7
.09
10
45054**
4.0
.16
100
3.9
0.8
.03
206
8.1
.12
10
45055
4.5
.18
100
3.9
1.0
.04
207
8.1
.13
10
45056
4.5
.18
150
5.9
1.0
.04
257
10.1
.14
10
45057
4.5
.18
200
8.0
1.0
.04
306
12.0
.15
10
45058
5.5
.22
125
5.0
1.0
.04
243
9.5
.19
10
45060
6.0
.24
100
3.9
0.9
.04
218
8.5
.20
10
45062
6.0
.24
200
8.0
0.9
.04
318
12.5
.25
10
45064*
6.5
.24
40
1.6
1.2
.05
90
3.5
.08
10
45065
6.5
.24
150
5.9
1.2
.05
268
10.5
.23
10
45067
8.0
.32
150
5.9
1.2
.05
268
10.5
.26
10
450
Phillips Screwdriver, With Wiha-3K
Series Handle
451
* Stubby screwdriver with Wiha Powerhandle - 45064
** Cabinet Tip
*Stubby screwdriver with Wiha Powerhandle - 45150
Wiha 3K Series Screwdrivers and Sets
pkg. 10
18 Pc. Phillips 3K Driver & Bit Set
Item No. Screwdrivers: #0x60, #1x80, #1x200,
45190
#2x100, #2x150, #2x200, #3x150mm
Insert Bits: #0(2), #1(2), #2(4), #3(2)
lbs. 1.62
Stubby Phillips: #2x40mm
45190
1/4” Insert Bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com