Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

065TDPST Datasheet(PDF) 2 Page - CTS Corporation

Part # 065TDPST
Description  Miniature Slide Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

065TDPST Datasheet(HTML) 2 Page - CTS Corporation

  065TDPST Datasheet HTML 1Page - CTS Corporation 065TDPST Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
SWITCH STYLE
T – TOP ACTUATED
S – SIDE ACTUATED
ACTUATOR LENGTH "L"
TOP ACTUATED
A – .200" (5.08mm)
B – .500" (12.7mm)
C – .375" (9.53mm)
SIDE ACTUATED
.335" (8.51mm) ONLY
SWITCH FUNCTION
CODE FUNCTION
SPST – SINGLE POLE SINGLE THROW
SPDT – SINGLE POLE DOUBLE THROW
DPST – DOUBLE POLE SINGLE THROW
(TOP ACTUATED ONLY)
DPDT – DOUBLE POLE DOUBLE THROW
(TOP ACTUATED ONLY)
T
–
BLANK
SPST AND SPDT SWITCHES
UL FILE NO.E10412
DIMENSION:
mm
INCH
DIMENSION:
mm
INCH
ON
ON
SPDT
065S
NOT PRESENT
TERM
REMARK
±.004
±0.1
3
2
1
065S
SPST
ON
OFF
MODEL
NO
SWITCH FUNCTION
POS1
POS2
.156
3.96
.282
7.17
1.78
.070
3.18
.125
3.96
.156
3.55
.140 TRAVEL
.312
7.92
19.30
.760
5.08
.200
.335±.020
8.51±0.5
10.16
.400
1.27
.050
.050
1.27
2.54
.100
1.27±0.1
.050±.004
TYP.
4.75
.187
.100
TYP.
.065
.035
.187
0.89
2.54
4.75
1.65
TYPE 065S Side Actuated
2
1 -
2
1 -
2
1 -
3
2 -
3
NOT PRESENT
NOT PRESENT
0.35
0.65
.220±.002
.100±.002
.181±.002
.181±.002
.208
.050
.070
.288±.016
.020
0.5
.200
.760
.350
.425
.125
.150
.110
6
5
4
1
2
3
ON
OFF
2
ON
OFF
TERM
TERM
OFF
ON
OFF
DPST
065T
ON
OFF
DPDT
065T
NOT PRESENT
TERM
REMARK
POS2
POS1
SWITCH FUNCTION
NO
MODEL
OFF
ON
ON
SPDT
065T
SPST
065T
PCB LAYOUT
5.59±0.05
3.18
10.8
"L"±
5.3
7.3±0.4
1.78
3.8
8.89
19.30
5.08
1.65
4.60±0.05
1.27
2.54±0.05
2.80
0.89
REF
TYP.
TYP.
TYP.
4.60±0.05
TYPE 065T Top Actuated
1 -
5
4 -
3
2 -
6
5 -
2
1 -
5
4 -
2
1 -
2
1 -
3
2 -
2
1 -
5
4 -
3
2 -
6
5 -
2
1 -
5
4 -
2
1 -
2
1 -
3
2 -
3 4 5
6
6
5
4
6
3
065
A
SPST
2 - 2
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
CTS Electronic Components
www.ctscorp.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com