Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

065SDPST Datasheet(PDF) 1 Page - CTS Corporation

Part # 065SDPST
Description  Miniature Slide Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

065SDPST Datasheet(HTML) 1 Page - CTS Corporation

  065SDPST Datasheet HTML 1Page - CTS Corporation 065SDPST Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
Miniature
Slide Switches
Features
• UL and CSA approved for
SPST and SPDT functions
UL file E10412
• Insulated case, UL grade 94V-2
fire retardant housing
• Dust-proof construction
• Metal to metal wiping contacts
• Withstands flow soldering without
deformation
• High performance, low cost design
Series 065 Switch
Electrical and Mechanical Specifications
Switch Function
Single pole single throw
Single pole double throw
Double pole single throw (top actuated only)
Double pole double throw (top actuated only)
Current Rating
1Amp @ 24VDC
1Amp @ 125VAC
Switch Contact Resistance
15 milliohm maximum initial
30 milliohm (typical) after life
(20,000 cycles @ 1Amp, 24VDC)
(6,000 cycles @ 1Amp, 125VAC)
Insulation Resistance
100 megohm minimum
Dielectric Strength
1,000 VAC (60Hz) for 1 minute
Switch Electrical Life
20,000 cycles min.@ 1Amp,24 VDC full load
6,000 cycles min.@ 1Amp,125 VAC full load
Temperature
Operating: 0°C to +70°C
Storage: –25°C to +125°C
Operating Force
SPST/SPDT/DPST:
220 gf - 500 gf (7.7 oz - 17.5 oz)
DPDT:
220 gf - 600 gf (7.7 oz - 21 oz)
Materials
Housing and Actuator - Black nylon 6/6 UL 94V-2
Contactor - Silver plated phosphor bronze
Terminal - Silver plated brass
• RoHS Compliant
1 - 2
© 2006 CTS Corporation. All rights reserved. Information subject to change.
9/30/06
CTS Electronic Components
www.ctscorp.com


Similar Part No. - 065SDPST

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
06500.0-00 STEGO-06500.0-00 Datasheet
503Kb / 1P
ENCLOSURE HEATER
11.11.2022
logo
ITT Industries
065001-0021 ITT-065001-0021 Datasheet
35Kb / 1P
Brand: Cannon Product Category: Circular Product Line: MIL-DTL 26482 Series I & Mil Battery Series: KPT / SE
065002-0001 ITT-065002-0001 Datasheet
36Kb / 1P
Brand: Cannon Product Category: Circular Product Line: MIL-DTL 26482 Series I & Mil Battery Series: KPT / SE
065002-0001 Y ITT-065002-0001 Y Datasheet
36Kb / 1P
Brand: Cannon Product Category: Circular Product Line: MIL-DTL 26482 Series I & Mil Battery Series: KPT / SE
065002-0005 ITT-065002-0005 Datasheet
36Kb / 1P
MIL-DTL 26482 Series I & Mil Battery
More results

Similar Description - 065SDPST

ManufacturerPart #DatasheetDescription
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
Miniature Slide Switches
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
Miniature Slide Switches
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
SLIDE SWITCHES - MINIATURE
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
Miniature Slide Switches
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
Miniature Slide Switches
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
Miniature Slide Switches
19 Mar 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com