Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

194-9MST Datasheet(PDF) 2 Page - CTS Corporation

Part # 194-9MST
Description  Side Actuated, Through Hole DIP Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

194-9MST Datasheet(HTML) 2 Page - CTS Corporation

  194-9MST Datasheet HTML 1Page - CTS Corporation 194-9MST Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CTS SERIES 194/195
194/195
10 M S T
XX: # OF POSITIONS
M: MEDIUM HEIGHT ACTUATOR
(1.14mm/.045")
T: TOP TAPE SEAL
S: BOTTOM EPOXY SEAL
DIMENSION:
mm
inch
N
N:
SHIP AT ON POSITION
BLANK: SHIP AT OFF POSITION
Ordering Information
7.62
0.20±0.08
0.38
2.54
0.48±0.08
7.90
"A"
9.78
1.14
1.52
.015
.300
.008±.003
.385
.045
.311
.100
.019±.003
.060
3.81
.150
9.00±0.25
.354±.010
PART NO.
+0.38
-0.13
+.015
-.005
TYP.
DATE CODE LOCATION
DATE CODE LOCATION
TYP.
CTS
1 2 3 4 5 6
N
O
1112
+0.25
- 0.51
+.010
-.020
±0.25
±.010
REF
±0.25
±.010
"A"
Overall
Switch
Dimensions
Positions
Part Number
7.26 / .286
2
194/195–2MS
9.80 / .386
3
194/195–3MS
12.34 / .486
4
194/195–4MS
14.88 / .586
5
194/195–5MS
17.42 / .686
6
194/195–6MS
19.96 / .786
7
194/195–7MS
22.50 / .886
8
194/195–8MS
25.04 / .986
9
194/195–9MS
27.58 / 1.086
10
194/195–10MS
No. of
MOUNTING
SURFACE
–
2 - 2
© 2008 CTS Corporation. All rights reserved. Information subject to change.
05/05/08
CTS Electrocomponents
www.ctscorp.com
STAND OFF
32.66 / 1.286
12
194/195–12MS
(
Ship at ON position only)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com