Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISCDM7106 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISCDM7106
Description  SiC Diode Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCDM7106 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISCDM7106 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCDM7106 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISCDM7106
eq LSIC2SD120N40PA
SiC Diode Modules
www.iscsemi.com
1
FEATURES
· Excellent surge capability
· 175 °C maximum operating junction temperature
APPLICATIONS
· Solar inverters
· Switch-mode power supplies
· Battery Chargers
Absolute Maximum Ratings(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Repetitive Reverse Voltage
1200
V
IF(AV)
Average Rectified Output Current, Per Leg
42
A
IFSM
Non-Repetitive Peak Forward Surge Current
TC = 25℃, tp = 10 ms, Half sine pulse
145
A
TJ
Max. Junction Temperature
175
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
TYP
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.48
℃
/W
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VF
Diode Forward Voltage
IF= 20A;TJ= 25℃
--
1.8
V
IR
Reverse Current
VR=VRRM;TJ= 25℃
--
100
uA


Similar Part No. - ISCDM7106

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCDM7047 ISC-ISCDM7047 Datasheet
549Kb / 3P
SiC Schottky Diode
ISCDM7051 ISC-ISCDM7051 Datasheet
551Kb / 3P
SiC Schottky Diode
ISCDM7057 ISC-ISCDM7057 Datasheet
549Kb / 3P
Silicon Carbide Schottky Diode
ISCDM7064 ISC-ISCDM7064 Datasheet
553Kb / 3P
Full Bridge Power Module
More results

Similar Description - ISCDM7106

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SML10SIC03NJC SEME-LAB-SML10SIC03NJC Datasheet
194Kb / 2P
SiC SCHOTTKY DIODE
SML05SC06D3A SEME-LAB-SML05SC06D3A Datasheet
358Kb / 6P
SiC SCHOTTKY DIODE
logo
Sanken electric
FMCA-11065 SANKEN-FMCA-11065 Datasheet
200Kb / 5P
SiC Schottky Diode
logo
Inchange Semiconductor ...
STPSC20H065CW ISC-STPSC20H065CW Datasheet
400Kb / 2P
SiC Schottky Diode
logo
BASIC SEMICONDUCTOR
B1D02065K BASICSEMI-B1D02065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D02120E BASICSEMI-B1D02120E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D02120K BASICSEMI-B1D02120K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.1
B1D03120E BASICSEMI-B1D03120E Datasheet
588Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D05120E BASICSEMI-B1D05120E Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 0.2
B1D08065E BASICSEMI-B1D08065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 2.2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com