Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBS14031 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBS14031
Description  140MHz SAW Filter 0.25MHz Bandwidth
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBS14031 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBS14031 Datasheet HTML 1Page - SIPAT Co,Ltd LBS14031 Datasheet HTML 2Page - SIPAT Co,Ltd LBS14031 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBS14031
Rev. Date
2008-01-21
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.1
Page 3/3
C
Ch
hiin
na
a E
Elle
eccttrro
on
niiccss T
Te
ecch
hn
no
ollo
og
gyy G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
esse
ea
arrcch
h IIn
nssttiittu
utte
e
140MHz SAW Filter
0.25MHz Bandwidth
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w.. s
siip
pa
atts
sa
aw
w..c
co
om
m
Part Number: LBS14031
Typical Performance
Frequency Respond
Passband Respond
137.5
138
138.5
139
139.5
140
140.5
141
141.5
142
142.5
-110.2223
-100.2223
-90.2223
-80.2223
-70.2223
-60.2223
-50.2223
-40.2223
-30.2223
-20.2223
-10.2223
Type Performance
Frequency(MHz)
139.7
139.8
139.9
140
140.1
140.2
140.3
-22.7223
-22.2223
-21.7223
-21.2223
-20.7223
-20.2223
-19.7223
-19.2223
-18.7223
Horizontal: 0.5MHz/Div
Vertical: 10dB/Div
Horizontal: 0.1MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±0.1MHz)
Phase Linearity(f0±0.1MHz)
139.6
139.7
139.8
139.9
140
140.1
140.2
140.3
140.4
2900
3000
3100
3200
3300
3400
3500
X: 139.9
Y: 3215
Type Performance
Frequency(MHz)
X: 140.1
Y: 3268
X: 140
Y: 3281
139.6
139.7
139.8
139.9
140
140.1
140.2
140.3
140.4
-8
-6
-4
-2
0
2
4
6
X: 139.9
Y: -0.9314
Type Performance
Frequency(MHz)
X: 140.1
Y: -0.9778
X: 140
Y: 0.5503
Horizontal: 0.1MHz/Div
Vertical: 100ns/Div
Horizontal: 0.1MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
∞



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com