Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP75-8 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMP75-8
Description  TRISIL TM FOR TELECOM EQUIPMENT PROTECTION
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP75-8 Datasheet(HTML) 3 Page - STMicroelectronics

  SMP75-8 Datasheet HTML 1Page - STMicroelectronics SMP75-8 Datasheet HTML 2Page - STMicroelectronics SMP75-8 Datasheet HTML 3Page - STMicroelectronics SMP75-8 Datasheet HTML 4Page - STMicroelectronics SMP75-8 Datasheet HTML 5Page - STMicroelectronics SMP75-8 Datasheet HTML 6Page - STMicroelectronics SMP75-8 Datasheet HTML 7Page - STMicroelectronics SMP75-8 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMP75-8
3/8
Table 4: Thermal Resistances
Table 5: Electrical Characteristics (Tamb = 25°C)
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient (with recommended footprint)
100
°C/W
Rth(j-l)
Junction to leads
20
°C/W
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VBO
Breakover voltage
IRM
Leakage current
IPP
Peak pulse current
IBO
Breakover current
IH
Holding current
VR
Continuous reverse voltage
IR
Leakage current at VR
C
Capacitance
Types
IRM @ VRM
IR @ VR
Dynamic
VBO
Static
VBO @ IBO
IH
C
max.
max.
max.
max.
max.
typ.
max.
note1
note 2
note 3
note 4
note 5
µAVµAV
V
V
mA
mA
pF
SMP75-8
2
6
5
8
20
15
800
50
60
Note 1: IR measured at VR guarantee VBR min
≥ VR
Note 2: see functional test circuit 1
Note 3: see test circuit 2
Note 4: see functional holding current test circuit 3
Note 5: VR = 2V bias, VRMS=1V, F=1MHz
Figure 2: Pulse waveform
Figure 3: Non repetitive surge peak on-state
current versus overload duration
100
50
%I
PP
t
t
r
p
0
t
Repetitive peak pulse current
tr = rise time (µs)
tp = pulse duration time (µs)
I
(A)
TSM
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
5
10
15
20
25
30
35
40
45
50
F=50Hz
Tj initial = 25°C
t(s)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com