Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0028202. Datasheet(PDF) 1 Page - Lapp.

Part # 0028202.
Description  UNITRONIC® LiYY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

0028202. Datasheet(HTML) 1 Page - Lapp.

  0028202. Datasheet HTML 1Page - Lapp. 0028202. Datasheet HTML 2Page - Lapp. 0028202. Datasheet HTML 3Page - Lapp. 0028202. Datasheet HTML 4Page - Lapp. 0028202. Datasheet HTML 5Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT INFORMATION
UNITRONIC® LiYY
Data transmission cable with colour code acc. to DIN 47100
UNITRONIC® LiYY: Low-frequency PVC data cable DIN47100 coded Flexible (0.34mm² multi-wire Maxi TERMI-POINT®)
Flame retardant, Instrumentation Control Automation
Info
The classic for multi-functional use
Further dimensions/colours on request
Benefits
Space-saving installation due to small cable diameters
Multifunctional application possibilities
Depending on the quantity, the outer sheath can also be produced in other colours to match your application needs
Application range
UNITRONIC® LiYY is also used as a control and signal cable in electronics of computer systems, electronic control equipment,
office machines, balances, etc.
Dry or damp rooms
Occasional flexing
Product features
Despite the large number of cores, LiYY data cables have small outer diameters
Flame-retardant according IEC 60332-1-2
Norm references / Approvals
Based on VDE 0812
Last Update (30.04.2018)
1 / 5
©2018 Lapp Group - Technical changes reserved
Product Management www.lappkabel.de
You can find the current technical data in the corresponding data sheet.
PN 0456 / 02_03.16


Similar Part No. - 0028202.

ManufacturerPart #DatasheetDescription
logo
Lapp.
0028202 LAPP-0028202 Datasheet
63Kb / 1P
UNITRONIC® LiYY
2021-04-06
More results

Similar Description - 0028202.

ManufacturerPart #DatasheetDescription
logo
Lapp.
0028202 LAPP-0028202 Datasheet
63Kb / 1P
UNITRONIC® LiYY
2021-04-06
0031320 LAPP-0031320 Datasheet
65Kb / 1P
UNITRONIC® Li2YCY (TP)
01.01.2019
0031350 LAPP-0031350 Datasheet
66Kb / 1P
UNITRONIC® Li2YCYv (TP)
18.10.2019
0032202 LAPP-0032202 Datasheet
63Kb / 1P
UNITRONIC® LiYCY-CY
01.01.2019
0037100 LAPP-0037100 Datasheet
67Kb / 2P
UNITRONIC® LiHH
2021-08-17
0037302 LAPP-0037302 Datasheet
67Kb / 2P
UNITRONIC® LiHCH
2021-08-17
0044602 LAPP-0044602 Datasheet
65Kb / 1P
UNITRONIC® LiYCY A
27.03.2019
0022403 LAPP-0022403 Datasheet
64Kb / 1P
UNITRONIC® LiYY A
27.03.2019
0034302 LAPP-0034302 Datasheet
65Kb / 1P
UNITRONIC® LiYCY
2021-04-06
UDB602802 LAPP-UDB602802 Datasheet
38Kb / 2P
UNITRONIC® 190
January 1, 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com