Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

38610 Datasheet(PDF) 8 Page - Wiha Tools

Part # 38610
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

38610 Datasheet(HTML) 8 Page - Wiha Tools

Back Button 38610 Datasheet HTML 4Page - Wiha Tools 38610 Datasheet HTML 5Page - Wiha Tools 38610 Datasheet HTML 6Page - Wiha Tools 38610 Datasheet HTML 7Page - Wiha Tools 38610 Datasheet HTML 8Page - Wiha Tools 38610 Datasheet HTML 9Page - Wiha Tools 38610 Datasheet HTML 10Page - Wiha Tools 38610 Datasheet HTML 11Page - Wiha Tools 38610 Datasheet HTML 12Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
28379
Torque TR electric interchangeable blade, hex.
Individually tested protective insulation 1,000 V AC, VDE and GS tested.
Blade:
High quality chrome-vanadium-molybdenum steel, through hardened, black-finish.
Insulation moulded directly onto blade.
Standards:
Manufactured according to IEC 60900:2012.
Application:
For all work on or around electrical components up to 1,000 V AC.
Ord.No.
38918
3,0
10
132
35
5,5
38919
4,0
10
132
35
15
38920
5,0
10
132
35
20
38921
6,0
10
132
35
20
All prices are quoted net/pc.
Page 8 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com