Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41003 Datasheet(PDF) 3 Page - Wiha Tools

Part # 41003
Description  Screwdriver and bit set slimVario screwdriver
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

41003 Datasheet(HTML) 3 Page - Wiha Tools

  41003 Datasheet HTML 1Page - Wiha Tools 41003 Datasheet HTML 2Page - Wiha Tools 41003 Datasheet HTML 3Page - Wiha Tools 41003 Datasheet HTML 4Page - Wiha Tools 41003 Datasheet HTML 5Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
40
Wiha highlights.
You can find more products in the Extended product range section: page 176
Wiha highlights.
You can find more products in the Extended product range section: page 176
Screwdriver set SoftFinish® electric slimFix
Increases your safety: Wiha slim blades ensure unlimited, protected access to deep-set screws. Protects your health: With the patented
SoftFinish® handle design, ensuring work is kind to hands and muscles. Recommended by doctors and therapists at German Campaign for
Healthier Backs.
Increases your efficiency: The unique Wiha handle size concept with optimal balance between power and control. Offers you
full protection: Each tool individually tested at 10,000 V AC and approved for 1,000 V AC.
Slotted, Phillips 6-pcs.
3201 K6
Order-No.
35389
1
3,5 x 100 / 4,0 x 100 / 5,5 x 125 / 6,5 x 150
PH1 x 80 / PH2 x 100
Manufactured acc. to IEC 60900:2012.
Slotted, Phillips, PlusMinus/Pozidriv 6-pcs.
3201 K601
Order-No.
38362
1
3,5 x 100 / 4,0 x 100 / 5,5 x 125
PH1 x 80 / PH2 x 100
SL/PZ2 x 100
Manufactured acc. to IEC 60900:2012.
Slotted, Pozidriv 6-pcs.
3201 ZK6
Order-No.
36455
1
3,5 x 100 / 4,0 x 100 / 5,5 x 125 / 6,5 x 150
PZ1 x 80 / PZ2 x 100
Manufactured acc. to IEC 60900:2012.
TORX® Tamper Resistant (with hole) 6-pcs.
3251 TR K6
Order-No.
41245
1
T10H x 100 / T15H x 100 / T20H x 100 / T25H x 125 /T30H x 125 / T40H x 150
Manufactured acc. to IEC 60900:2012.
TORX® 6-pcs.
3251 K6
Order-No.
36558
1
T8 x 60• / T9 x 60•
T10 x 100 / T15 x 100 / T20 x 100 / T25 x 125
• no slim version
Manufactured acc. to IEC 60900:2012.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com