Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01657 Datasheet(PDF) 39 Page - Wiha Tools

Part # 01657
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01657 Datasheet(HTML) 39 Page - Wiha Tools

Back Button 01657 Datasheet HTML 32Page - Wiha Tools 01657 Datasheet HTML 33Page - Wiha Tools 01657 Datasheet HTML 34Page - Wiha Tools 01657 Datasheet HTML 35Page - Wiha Tools 01657 Datasheet HTML 36Page - Wiha Tools 01657 Datasheet HTML 37Page - Wiha Tools 01657 Datasheet HTML 38Page - Wiha Tools 01657 Datasheet HTML 39Page - Wiha Tools 01657 Datasheet HTML 40Page - Wiha Tools  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Z 14 1 01
Classic TriCut installation pliers.
Head shape:
With three processing stations: For cutting and stripping.
Design:
Low wear lap joint, riveted and able to withstand high loads.
Diagonal cutters with durable cutting edges due to additional induction hardening
to approx. 64 HRC.
Ergonomic and energy-saving stripping lengthwise on the cable and the pliers,
thanks to the specially cranked head.
Two precision stripping stations for conductions with 1.5 mm2 and 2.5 mm2
Material:
High quality C 70 tool steel, tempered.
Application:
Diagonal cutters for cutting soft and hard wires, as well as cables such as NYM
lines 3x1.52 - 5x2.52
Flush stripping of round and damp-proof cable and stripping of conductors, even
in hard-to-reach areas, e.g. in junction boxes and distribution boxes.
Ord.No.
38627
5
170
7
4
2,5
1,6
230
All prices are quoted net/pc.
Page 39 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com