Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP100-230 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SMP100-230
Description  COMMUNICATION EQUIPMENT PROTECTION: TRISIL TM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100-230 Datasheet(HTML) 8 Page - STMicroelectronics

  SMP100-230 Datasheet HTML 1Page - STMicroelectronics SMP100-230 Datasheet HTML 2Page - STMicroelectronics SMP100-230 Datasheet HTML 3Page - STMicroelectronics SMP100-230 Datasheet HTML 4Page - STMicroelectronics SMP100-230 Datasheet HTML 5Page - STMicroelectronics SMP100-230 Datasheet HTML 6Page - STMicroelectronics SMP100-230 Datasheet HTML 7Page - STMicroelectronics SMP100-230 Datasheet HTML 8Page - STMicroelectronics SMP100-230 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
ORDER CODE
SMP 100 - 270 H225
IPP = 100A
SURFACE
MOUNT
PROTECTION
VOLTAGE
H225 : IH = 225 mA
:IH = 150mA
Type
Marking
Package
Weight
Base qty
Delivery mode
SMP100-8
PL8
SMB
0.107g
2500
Tape & Reel
SMP100LC-35
L35
SMB
0.107g
2500
Tape & Reel
SMP100-65
P06
SMB
0.107g
2500
Tape & Reel
SMP100-120
P12
SMB
0.107g
2500
Tape & Reel
SMP100-140
P14
SMB
0.107g
2500
Tape & Reel
SMP100-200
P20
SMB
0.107g
2500
Tape & Reel
SMP100-230
P23
SMB
0.107g
2500
Tape & Reel
SMP100-270
P27
SMB
0.107g
2500
Tape & Reel
SMP100-140H125
P16
SMB
0.107g
2500
Tape & Reel
SMP100-200H225
P22
SMB
0.107g
2500
Tape & Reel
SMP100-230H225
P24
SMB
0.107g
2500
Tape & Reel
SMP100-270H225
P29
SMB
0.107g
2500
Tape & Reel
Epoxy meets UL94, V0
MARKING
SMP100-xxx
8/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com