Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

01705 Datasheet(PDF) 15 Page - Wiha Tools

Part # 01705
Description  LiftUp VDE Magazine Bit holder with 6 slimBits. Doubled safety: slimBits and magazine are individually VDE-GS tested.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIHA [Wiha Tools]
Direct Link  https://www.wihatools.com/
Logo WIHA - Wiha Tools

01705 Datasheet(HTML) 15 Page - Wiha Tools

Back Button 01705 Datasheet HTML 11Page - Wiha Tools 01705 Datasheet HTML 12Page - Wiha Tools 01705 Datasheet HTML 13Page - Wiha Tools 01705 Datasheet HTML 14Page - Wiha Tools 01705 Datasheet HTML 15Page - Wiha Tools 01705 Datasheet HTML 16Page - Wiha Tools 01705 Datasheet HTML 17Page - Wiha Tools 01705 Datasheet HTML 18Page - Wiha Tools 01705 Datasheet HTML 19Page - Wiha Tools Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
2872 S3
slimTorque starter set, 5-pcs.
Torque value can be set via window scale.
Handle:
VDE torque handle 1.0 - 5.0 Nm, steplessly adjustable with Torque Setter
adjusting tool (included in delivery).
Bit holder:
Insulated metal ClicFix bit holder locks all slimBits reliability.
Only for 6 mm slimBits.
Bits:
Protective insulation moulded directly onto the bit and completely integrated into
the bit in the lower area.
Individually tested protective insulation 1,000 V AC, VDE and GS tested.
Application:
For controlled fastening on live parts up to 1 000 V AC.
Extra:
100% safety from fastening with torque according to specification of manufacturer
type-tested switching devices according to EN 60439-1.
Ord.No.
38074
1
Ord.No. Quantity
26626
1
1,0-5,0
6%
3,8
138
36
35870
1
6
3,8
170
13
26864
1
150
80
34589
1
SL/PZ1
75
6,0
3,8
34590
1
SL/PZ2
75
6,0
5,5
All prices are quoted net/pc.
Page 15 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com